Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGR2G331MELC40 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGR2G331MELC40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGR2G331MELC40 Datasheet(HTML) 2 Page - Nichicon corporation

  LGR2G331MELC40 Datasheet HTML 1Page - Nichicon corporation LGR2G331MELC40 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
220
270
330
390
470
560
680
820
1000
1200
1500
22
× 25
22
× 30
25
× 25
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 30
22
× 45
25
× 35
30
× 30
25
× 40
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 50
1000
1100
1100
1200
1200
1300
1300
1300
1400
1400
1400
1500
1500
1500
1700
1700
2000
2000
2000
2200
2200
2300
2300
2500
0.62
0.69
0.69
0.77
0.77
0.83
0.83
0.83
0.91
0.91
0.91
1.00
1.00
1.00
1.10
1.10
1.21
1.21
1.21
1.34
1.34
1.46
1.46
1.64
LGR2D221MELZ25
LGR2D271MELZ30
LGR2D271MELA25
LGR2D331MELZ30
LGR2D331MELA25
LGR2D391MELZ35
LGR2D391MELA30
LGR2D391MELB25
LGR2D471MELZ40
LGR2D471MELA35
LGR2D471MELB30
LGR2D561MELZ45
LGR2D561MELA35
LGR2D561MELB30
LGR2D681MELA40
LGR2D681MELB35
LGR2D821MELA50
LGR2D821MELB40
LGR2D821MELC30
LGR2D102MELB45
LGR2D102MELC35
LGR2D122MELB50
LGR2D122MELC40
LGR2D152MELC50
200V (2D)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
180
220
270
330
390
470
560
680
820
1000
1200
22
× 30
25
× 25
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 25
22
× 45
25
× 35
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 35
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
900
900
1000
1000
1100
1100
1100
1200
1200
1200
1300
1300
1300
1400
1400
1400
1500
1500
1500
1700
1700
2000
2000
2200
2300
0.63
0.63
0.70
0.70
0.77
0.77
0.77
0.86
0.86
0.86
0.93
0.93
0.93
1.02
1.02
1.02
1.12
1.12
1.12
1.23
1.23
1.35
1.35
1.50
1.64
LGR2E181MELZ30
LGR2E181MELA25
LGR2E221MELZ30
LGR2E221MELA25
LGR2E271MELZ35
LGR2E271MELA30
LGR2E271MELB25
LGR2E331MELZ40
LGR2E331MELA35
LGR2E331MELB25
LGR2E391MELZ45
LGR2E391MELA35
LGR2E391MELB30
LGR2E471MELA45
LGR2E471MELB35
LGR2E471MELC30
LGR2E561MELA50
LGR2E561MELB35
LGR2E561MELC30
LGR2E681MELB45
LGR2E681MELC35
LGR2E821MELB50
LGR2E821MELC40
LGR2E102MELC45
LGR2E122MELC50
250V (2E)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
39
47
56
68
82
100
120
150
180
220
270
330
22
× 25
22
× 30
22
× 35
25
× 25
22
× 40
25
× 30
22
× 45
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
25
× 45
30
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
370
400
470
470
530
530
560
560
560
640
640
640
720
720
790
790
790
870
870
1000
1000
1190
1380
0.39
0.43
0.47
0.47
0.52
0.52
0.57
0.57
0.57
0.63
0.63
0.63
0.69
0.69
0.77
0.77
0.77
0.85
0.85
0.94
0.94
1.04
1.15
LGR2W390MELZ25
LGR2W470MELZ30
LGR2W560MELZ35
LGR2W560MELA25
LGR2W680MELZ40
LGR2W680MELA30
LGR2W820MELZ45
LGR2W820MELA35
LGR2W820MELB25
LGR2W101MELZ50
LGR2W101MELA40
LGR2W101MELB30
LGR2W121MELA45
LGR2W121MELB30
LGR2W151MELA50
LGR2W151MELB40
LGR2W151MELC30
LGR2W181MELB45
LGR2W181MELC35
LGR2W221MELB50
LGR2W221MELC40
LGR2W271MELC45
LGR2W331MELC50
450V (2W)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
56
68
82
100
120
150
180
220
270
330
390
470
22
× 25
22
× 30
25
× 25
22
× 35
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 25
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
510
560
560
640
640
690
690
750
750
750
820
820
820
900
900
900
1000
1000
1000
1100
1100
1200
1200
1300
1400
0.44
0.49
0.49
0.54
0.54
0.60
0.60
0.65
0.65
0.65
0.73
0.73
0.73
0.80
0.80
0.80
0.88
0.88
0.88
0.98
0.98
1.08
1.08
1.18
1.30
LGR2G560MELZ25
LGR2G680MELZ30
LGR2G680MELA25
LGR2G820MELZ35
LGR2G820MELA25
LGR2G101MELZ35
LGR2G101MELA30
LGR2G121MELZ40
LGR2G121MELA35
LGR2G121MELB25
LGR2G151MELZ50
LGR2G151MELA40
LGR2G151MELB30
LGR2G181MELA45
LGR2G181MELB35
LGR2G181MELC25
LGR2G221MELA50
LGR2G221MELB40
LGR2G221MELC30
LGR2G271MELB45
LGR2G271MELC35
LGR2G331MELB50
LGR2G331MELC40
LGR2G391MELC45
LGR2G471MELC50
400V (2G)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
LGR
Dimensions
Rated ripple current (mArms) at 105°C 120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com