Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04040WAS.B Datasheet(PDF) 20 Page - Texas Instruments

Part # PTH04040WAS.B
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTH04040WAS.B Datasheet HTML 16Page - Texas Instruments PTH04040WAS.B Datasheet HTML 17Page - Texas Instruments PTH04040WAS.B Datasheet HTML 18Page - Texas Instruments PTH04040WAS.B Datasheet HTML 19Page - Texas Instruments PTH04040WAS.B Datasheet HTML 20Page - Texas Instruments PTH04040WAS.B Datasheet HTML 21Page - Texas Instruments PTH04040WAS.B Datasheet HTML 22Page - Texas Instruments PTH04040WAS.B Datasheet HTML 23Page - Texas Instruments PTH04040WAS.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
V =3.3V
I
V
=2.5V
O
R2
2k21
ASIC
VCORE
VCCIO
Io
PTH03010W
1
10
4
5
6
2
3
9
Track
VI
VO
GND
Inhibit
7
VAdj
Sense
+
C
330 F
I
m
C
330 F
O
m
+
+
8
PTH04040W
SLTS238C – SEPTEMBER 2005 – REVISED JUNE 2010
www.ti.com
PREBIAS STARTUP CAPABILITY
A prebias startup condition occurs as a result of an external voltage being present at the output of a power
module prior to its output becoming active. This often occurs in complex digital systems when current from
another power source is backfed through a dual-supply logic component, such as an FPGA or ASIC. Another
path might be via clamp diodes as part of a dual-supply power-up sequencing arrangement. A prebias can cause
problems with power modules that incorporate synchronous rectifiers. This is because under most operating
conditions, these types of modules can sink as well as source output current.
The PTH/PTV family of power modules incorporate synchronous rectifiers, but does not sink current during
startup(1), or whenever the Inhibit pin is held low. However, to ensure satisfactory operation of this function,
certain conditions must be maintained(2). Figure 19 shows an application demonstrating the prebias startup
capability. The start-up waveforms are shown in Figure 20. Note that the output current from the PTH03010W (Io)
shows negligible current until its output voltage rises above that backfed through diodes D1 and D2.
Note: The prebias start-up feature is not compatible with Auto-Track. When the module is under Auto-Track
control, it sinks current if the output voltage is below that of a back-feeding source. To ensure a prebias
hold-off, one of two approaches must be followed when input power is applied to the module. The Auto-Track
function must be disabled(3), or the module’s output held off (for at least 50 ms) using the Inhibit pin. Either
approach ensures that the Track pin voltage is above the set-point voltage at start up.
NOTES
1. Startup includes the short delay (approximately 10 ms) prior to the output voltage rising, followed by the rise
of the output voltage under the module’s internal soft-start control. Startup is complete when the output
voltage has risen to either the set-point voltage or the voltage at the Track pin, whichever is lowest.
2. To ensure that the regulator does not sink current when power is first applied (even with a ground signal
applied to the Inhibit control pin), the input voltage must always be greater than the output voltage throughout
the powerup and power-down sequence.
3. The Auto-Track function can be disabled at power up by immediately applying a voltage to the module’s
Track pin that is greater than its set-point voltage. This can be easily accomplished by connecting the Track
pin to Vin.
Figure 19. Application Circuit Demonstrating Prebias Startup
20
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PTH04040W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com