Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04040WAS.B Datasheet(PDF) 23 Page - Texas Instruments

Part # PTH04040WAS.B
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH04040WAS.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button PTH04040WAS.B Datasheet HTML 19Page - Texas Instruments PTH04040WAS.B Datasheet HTML 20Page - Texas Instruments PTH04040WAS.B Datasheet HTML 21Page - Texas Instruments PTH04040WAS.B Datasheet HTML 22Page - Texas Instruments PTH04040WAS.B Datasheet HTML 23Page - Texas Instruments PTH04040WAS.B Datasheet HTML 24Page - Texas Instruments PTH04040WAS.B Datasheet HTML 25Page - Texas Instruments PTH04040WAS.B Datasheet HTML 26Page - Texas Instruments PTH04040WAS.B Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Jun-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
PTH04040WAD
Active
Production
Through-Hole
Module (EVF) | 20
12 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH04040WAD.B
Active
Production
Through-Hole
Module (EVF) | 20
12 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH04040WAH
Active
Production
Through-Hole
Module (EVF) | 20
12 | TIW TRAY
Exempt
SN
Level-1-235C-UNLIM
-40 to 85
PTH04040WAH.B
Active
Production
Through-Hole
Module (EVF) | 20
12 | TIW TRAY
Exempt
SN
Level-1-235C-UNLIM
-40 to 85
PTH04040WAS
Active
Production
Surface Mount
Module (EVG) | 20
12 | TIW TRAY
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH04040WAS.B
Active
Production
Surface Mount
Module (EVG) | 20
12 | TIW TRAY
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH04040WAZ
Active
Production
Surface Mount
Module (EVG) | 20
12 | TIW TRAY
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH04040WAZ.B
Active
Production
Surface Mount
Module (EVG) | 20
12 | TIW TRAY
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com