Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG101 Datasheet(PDF) 17 Page - Texas Instruments

Part # REG101
Description  DMOS 100mA Low-Dropout Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG101 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REG101 Datasheet HTML 13Page - Texas Instruments REG101 Datasheet HTML 14Page - Texas Instruments REG101 Datasheet HTML 15Page - Texas Instruments REG101 Datasheet HTML 16Page - Texas Instruments REG101 Datasheet HTML 17Page - Texas Instruments REG101 Datasheet HTML 18Page - Texas Instruments REG101 Datasheet HTML 19Page - Texas Instruments REG101 Datasheet HTML 20Page - Texas Instruments REG101 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
REG101NA-2.5/250
SOT-23
DBV
5
250
203.0
203.0
35.0
REG101NA-2.5/3K
SOT-23
DBV
5
3000
200.0
183.0
25.0
REG101NA-2.8/250
SOT-23
DBV
5
250
200.0
183.0
25.0
REG101NA-2.85/250
SOT-23
DBV
5
250
200.0
183.0
25.0
REG101NA-2.85/3K
SOT-23
DBV
5
3000
200.0
183.0
25.0
REG101NA-3.3/250
SOT-23
DBV
5
250
200.0
183.0
25.0
REG101NA-3.3/3K
SOT-23
DBV
5
3000
200.0
183.0
25.0
REG101NA-3/250
SOT-23
DBV
5
250
200.0
183.0
25.0
REG101NA-3/3K
SOT-23
DBV
5
3000
200.0
183.0
25.0
REG101NA-5/250
SOT-23
DBV
5
250
200.0
183.0
25.0
REG101NA-5/3K
SOT-23
DBV
5
3000
200.0
183.0
25.0
REG101NA-A/250
SOT-23
DBV
5
250
200.0
183.0
25.0
REG101NA-A/3K
SOT-23
DBV
5
3000
200.0
183.0
25.0
REG101UA-3.3/2K5
SOIC
D
8
2500
356.0
356.0
35.0
REG101UA-5/2K5
SOIC
D
8
2500
356.0
356.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com