Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG101 Datasheet(PDF) 8 Page - Texas Instruments

Part # REG101
Description  DMOS 100mA Low-Dropout Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG101 Datasheet HTML 4Page - Texas Instruments REG101 Datasheet HTML 5Page - Texas Instruments REG101 Datasheet HTML 6Page - Texas Instruments REG101 Datasheet HTML 7Page - Texas Instruments REG101 Datasheet HTML 8Page - Texas Instruments REG101 Datasheet HTML 9Page - Texas Instruments REG101 Datasheet HTML 10Page - Texas Instruments REG101 Datasheet HTML 11Page - Texas Instruments REG101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
REG101
8
SBVS026D
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
67
8
9
10
10
µ
1
µ
100n
10n
1n
V
ENABLE (V)
I
ENABLE vs VENABLE
T = +25
°C
T = –55
°C
T = +125
°C
POWER UP/POWER DOWN
1s/div
V
OUT = 3.0V
R
LOAD = 30Ω
V
OUT
V
IN
10
100
1k
10k
100k
80
70
60
50
40
30
20
C
ADJ (pF)
RMS NOISE VOLTAGE vs C
ADJ
REG101–A
V
OUT = 3.3V
C
OUT = 0.1µF
10Hz < frequency < 100kHz
–50
–25
0
25
50
75
100
125
0.350
0.300
0.250
0.200
0.150
0.100
0.050
0.000
Temperature (
°C)
ADJUST PIN CURRENT vs TEMPERATURE
200mV/div
200mV/div
10mA
V
OUT
C
OUT = 0
REG101–A
V
IN = 4.3V
V
OUT = 3.3V
C
OUT = 10µF
V
OUT
I
OUT
100mA
LOAD TRANSIENT-ADJUSTABLE VERSION
50mV/div
50mV/div
4.3V
V
OUT
C
OUT = 0
REG101–A
I
OUT = 100mA
C
FB = 0.01µF
V
OUT = 3.3V
C
OUT = 10µF
V
OUT
V
IN
5.3V
LINE TRANSIENT-ADJUSTABLE VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com