Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5532AP Datasheet(PDF) 3 Page - Texas Instruments

Part # SA5532AP
Description  NE5532x, SA5532x Dual Low-Noise Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SA5532AP Datasheet(HTML) 3 Page - Texas Instruments

  SA5532AP Datasheet HTML 1Page - Texas Instruments SA5532AP Datasheet HTML 2Page - Texas Instruments SA5532AP Datasheet HTML 3Page - Texas Instruments SA5532AP Datasheet HTML 4Page - Texas Instruments SA5532AP Datasheet HTML 5Page - Texas Instruments SA5532AP Datasheet HTML 6Page - Texas Instruments SA5532AP Datasheet HTML 7Page - Texas Instruments SA5532AP Datasheet HTML 8Page - Texas Instruments SA5532AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
2
3
4
5
6
7
8
2IN+
2IN–
2OUT
V
CC+
V
CC–
1IN+
1IN–
1OUT
NE5532, NE5532A . . . D, P, OR PS PACKAGE
SA5532, SA5532A . . . D OR P PACKAGE
(TOP VIEW)
NE5532, NE5532A, SA5532, SA5532A
www.ti.com
SLOS075J – NOVEMBER 1979 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
1IN+
3
I
Noninverting input
1IN-
2
I
Inverting Input
OUT1
1
O
Output
2IN+
5
I
Noninverting input
2IN-
6
I
Inverting Input
2OUT
7
O
Output
VCC+
8
—
Positive Supply
VCC-
4
—
Negative Supply
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: NE5532 NE5532A SA5532 SA5532A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com