Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5532AP Datasheet(PDF) 6 Page - Texas Instruments

Part # SA5532AP
Description  NE5532x, SA5532x Dual Low-Noise Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SA5532AP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SA5532AP Datasheet HTML 2Page - Texas Instruments SA5532AP Datasheet HTML 3Page - Texas Instruments SA5532AP Datasheet HTML 4Page - Texas Instruments SA5532AP Datasheet HTML 5Page - Texas Instruments SA5532AP Datasheet HTML 6Page - Texas Instruments SA5532AP Datasheet HTML 7Page - Texas Instruments SA5532AP Datasheet HTML 8Page - Texas Instruments SA5532AP Datasheet HTML 9Page - Texas Instruments SA5532AP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Temperature (C)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
D003
Frequency (Hz)
10
100
1000
10000
100000
0
2
4
6
8
10
12
14
16
18
D001
Frequency (Hz)
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D002
NE5532, NE5532A, SA5532, SA5532A
SLOS075J – NOVEMBER 1979 – REVISED JANUARY 2015
www.ti.com
7.7 Typical Characteristics
Figure 1. Equivalent Input Noise Voltage vs Frequency
Figure 2. Equivalent Input Noise Current vs Frequency
Figure 3. Output Swing Bandwidth
vs Temperature at VCC = ±10 V
6
Submit Documentation Feedback
Copyright © 1979–2015, Texas Instruments Incorporated
Product Folder Links: NE5532 NE5532A SA5532 SA5532A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com