Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQSW6331MELB35 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LQSW6331MELB35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LQSW6331MELB35 Datasheet(HTML) 1 Page - Nichicon corporation

  LQSW6331MELB35 Datasheet HTML 1Page - Nichicon corporation LQSW6331MELB35 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Item
Performance Characteristics
LQS
Hi speed
charge-
discharge
LQS Snap-inTerminalType,105°CHighspeedcharge-discharge.
Suited for high frequency regenerative voltage for AC servomotor,
general inverter.
Suited for equipment used at voltage fluctuating area.
Suited for rectifier circuit of voltage doubler
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance of charge-
discharge behavior
Endurance
Shelf Life
Marking
– 25 to +105°C
350 to 450V
82 to 820µF
± 20% at 120Hz, 20°C
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance(µF), V : Voltage ( V ) ]
After storing the capacitors under no load at 105
°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the specified value for endurance characteristics listed above.
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
350
400
420
450
tan δ (max.)
0.15
0.15
0.15
0.20
Rated voltage (V)
350 to 450
Z(– 25°C) / Z(+20°C)
8
Impedance ratio(max.)
Measurement frequency : 120Hz
Printed with white color letter on black sleeve.
10±
0.1
2
×φ2±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
L
1
Q
2
S
3
2
4
G
5
1
6
8
7
1
8
M
9
E
10
L
11
A
12
3
13
0
14
Configuration
Case dia. code
Case length code
Rated capacitance (180µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Capacitance tolerance (±20%)
Polarity bar
(10)
L±2
4.0±0.5
Pressure relief vent
Sleeve (PET)
Please contact to us if other configurations are required.
10±
0.1
2
×φ2±0.1
(Terminal dimensions)
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
L
1
Q
2
S
3
2
4
G
5
1
6
8
7
1
8
M
9
E
10
L
11
A
12
3
13
0
14
Configuration
Case dia. code
Case length code
Rated capacitance (180µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Capacitance tolerance (±20%)
Polarity bar
(10)
L±2
4.0±0.5
Pressure relief vent
Sleeve (PET)
Please contact to us if other configurations are required.
Drawing
Within ±20% of the initial capacitance value
300% or less than the initial specified value
Less than or equal to the initial specified value
There shell be found to remarkable abnormality on the capacitor
Capacitance change
tan δ
Leakage current
Within ±20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
3
I
CV
LGU
Type numbering system (Example : 400V 180µF)
Dimension table in next page.
The specifications listed at right shall be met when the capacitors are restored
to 20°C after D.C. bias plus rated ripple current is applied for 3000 hours at
105°C, the peak voltage shall not exceed the rated voltage.
After an application of charge-discharge voltage for 50million times
(charge-discharge voltage difference(ΔV) = rated voltage
× 0.35, cycle 6Hz)
at room temperature(15
~35°C), capacitors shell meet the characteristics
requirement listed at right.
Capacitance change
tan δ
Leakage current
Appearance
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.
CAT.8100N


Similar Part No. - LQSW6331MELB35

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LQSW6331MELB35 NICHICON-LQSW6331MELB35 Datasheet
102Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LQSW6331MELB35

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com