Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQSW6331MELB35 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LQSW6331MELB35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LQSW6331MELB35 Datasheet(HTML) 2 Page - Nichicon corporation

  LQSW6331MELB35 Datasheet HTML 1Page - Nichicon corporation LQSW6331MELB35 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
LQS
Rated ripple current (mArms) at 105°C 120Hz
Dimensions
120
150
180
220
270
330
390
470
560
680
820
22 × 25
22 × 30
22 × 30
25 × 25
22 × 35
25 × 30
22 × 40
25 × 35
30 × 25
22 × 45
25 × 40
30 × 30
25 × 45
30 × 35
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
750
820
900
900
1000
1000
1100
1100
1100
1200
1200
1200
1300
1300
1400
1400
1400
1500
1500
1700
1700
1900
0.61
0.68
0.75
0.75
0.83
0.83
0.92
0.92
0.92
1.01
1.01
1.01
1.10
1.10
1.21
1.21
1.21
1.32
1.32
1.46
1.46
1.60
LQS2V121MELZ25
LQS2V151MELZ30
LQS2V181MELZ30
LQS2V181MELA25
LQS2V221MELZ35
LQS2V221MELA30
LQS2V271MELZ40
LQS2V271MELA35
LQS2V271MELB25
LQS2V331MELZ45
LQS2V331MELA40
LQS2V331MELB30
LQS2V391MELA45
LQS2V391MELB35
LQS2V471MELA50
LQS2V471MELB40
LQS2V471MELC30
LQS2V561MELB45
LQS2V561MELC35
LQS2V681MELB50
LQS2V681MELC40
LQS2V821MELC45
350V (2V)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
100
120
150
180
220
270
330
390
470
560
680
22 × 25
22 × 30
22 × 35
22 × 35
25 × 30
30 × 25
22 × 45
25 × 35
30 × 25
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
680
730
850
950
950
950
1100
1100
1100
1220
1220
1220
1220
1440
1440
1550
1550
1550
1680
1680
1900
1900
2120
0.60
0.65
0.73
0.80
0.80
0.80
0.88
0.88
0.88
0.98
0.98
0.98
0.98
1.08
1.08
1.18
1.18
1.18
1.30
1.30
1.41
1.41
1.56
LQS2G101MELZ25
LQS2G121MELZ30
LQS2G151MELZ35
LQS2G181MELZ35
LQS2G181MELA30
LQS2G181MELB25
LQS2G221MELZ45
LQS2G221MELA35
LQS2G221MELB25
LQS2G271MELZ50
LQS2G271MELA40
LQS2G271MELB30
LQS2G271MELC25
LQS2G331MELA45
LQS2G331MELB35
LQS2G391MELA50
LQS2G391MELB40
LQS2G391MELC30
LQS2G471MELB45
LQS2G471MELC35
LQS2G561MELB50
LQS2G561MELC40
LQS2G681MELC45
400V (2G)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
100
120
150
180
220
270
330
390
470
560
680
22 × 25
22 × 30
25 × 25
22 × 35
25 × 30
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
30 × 30
25 × 40
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 45
35 × 40
35 × 45
35 × 50
660
810
810
840
840
910
910
910
1050
1050
1050
1250
1250
1250
1420
1420
1420
1610
1610
1860
1860
2100
2200
0.61
0.67
0.67
0.75
0.75
0.82
0.82
0.82
0.91
0.91
0.91
1.01
1.01
1.01
1.11
1.11
1.11
1.21
1.21
1.33
1.33
1.45
1.60
LQSW6101MELZ25
LQSW6121MELZ30
LQSW6121MELA25
LQSW6151MELZ35
LQSW6151MELA30
LQSW6181MELZ40
LQSW6181MELA30
LQSW6181MELB25
LQSW6221MELZ45
LQSW6221MELA35
LQSW6221MELB30
LQSW6271MELA40
LQSW6271MELB30
LQSW6271MELC25
LQSW6331MELA50
LQSW6331MELB35
LQSW6331MELC30
LQSW6391MELB40
LQSW6391MELC35
LQSW6471MELB45
LQSW6471MELC40
LQSW6561MELC45
LQSW6681MELC50
420V (W6)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
82
100
120
150
180
220
270
330
390
470
560
22 × 25
22 × 30
25 × 25
22 × 35
25 × 30
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
30 × 30
25 × 40
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
35 × 50
640
690
690
720
720
790
790
790
870
870
870
1050
1050
1050
1230
1230
1230
1380
1380
1610
1610
1780
1990
0.57
0.63
0.63
0.69
0.69
0.77
0.77
0.77
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.25
1.25
1.37
1.50
LQS2W820MELZ25
LQS2W101MELZ30
LQS2W101MELA25
LQS2W121MELZ35
LQS2W121MELA30
LQS2W151MELZ40
LQS2W151MELA30
LQS2W151MELB25
LQS2W181MELZ45
LQS2W181MELA35
LQS2W181MELB30
LQS2W221MELA40
LQS2W221MELB30
LQS2W221MELC25
LQS2W271MELA50
LQS2W271MELB35
LQS2W271MELC30
LQS2W331MELB40
LQS2W331MELC35
LQS2W391MELB50
LQS2W391MELC40
LQS2W471MELC45
LQS2W561MELC50
450V (2W)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Frequency coefficient of rated ripple current
Coefficient
0.77
0.82
1.00
1.16
1.30
1.41
1.43
Frequency (Hz)
50
60
120
300
1k
10k
50k or more
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com