Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

111 Datasheet(PDF) 2 Page - Copyright Pickering Electronics Ltd

Part # 111
Description  Pico SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

111 Datasheet(HTML) 2 Page - Copyright Pickering Electronics Ltd

  111 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Pico SIL/SIP Reed Relays – Series 111
pickering
relay.com
Specification
Switch Ratings - Dry Switches
1 Form A (energize to make)
10 W at 170 V
Series 111 switch ratings - contact ratings for each switch type
Switch
No
Switch
form
Power rating
Max.
switch
current
Max.
carry
current
Max.
switching
volts
Life
expectancy
ops typical
(see Note1)
Operate
time inc
bounce
(max)
Release
time
Special
features
1
A
10 W
0.5A
0.5 A
170
108
0.5 ms
0.2 ms
General purpose
Note1: Life Expectancy
The life of a reed relay depends upon the switch load and end of life criteria. For example, for an ‘end of life’ contact
resistance specification of 1 Ω, switching low loads (10 V at 10 mA resistive) or when ‘cold’ switching, typical life is approx
2.5 x 108 ops. At the maximum load (resistive), typical life is 1 x 106 ops. In the event of abusive conditions, e.g. high currents
due to capacitive inrushes, this figure reduces considerably. Pickering will be pleased to perform life testing with any
particular load condition.
Operating Temperature Range
-20 ºC to +85 ºC
Storage Temperature Range
-35 ºC to +100 ºC
Shock Resistance
50 g
Vibration Resistance (10 - 2000 Hz)
20 g
Soldering Temperature (max) (10 s max)
270 ºC
Washability (Proper drying process is recommended)
Fully Sealed
Environmental Specification/Mechanical Characteristics
In the table below, the upper temperature limit can be extended to +125 °C if the coil drive voltage is increased to
accommodate the resistance/temperature coefficient of the copper coil winding. This is approximately 0.4% per °C. This
means that at 125 °C the coil drive voltage will need to be increased by approximately 40 x 0.4 =16% to maintain the
required magnetic drive level. Please contact sales@pickeringrelay.com for assistance.
Operating Voltages
Coil voltage - nominal
Must operate voltage - maximum at 25°C
Must release voltage - minimum at 25°C
3 V
2.25 V
0.3 V
5 V
3.75 V
0.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com