Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

111 Datasheet(PDF) 3 Page - Copyright Pickering Electronics Ltd

Part # 111
Description  Pico SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

111 Datasheet(HTML) 3 Page - Copyright Pickering Electronics Ltd

  111 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 111 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Pico SIL/SIP Reed Relays – Series 111
pickering
relay.com
Specification
Dry Relay: Series 111 Coil data and type numbers
Device Type
Type Number
Coil
(V)
Coil
resistance
Max.
contact
resistance
(initial)
Insulation resistance
(minimum at 25 °C)
(see Note3)
Capacitance
(typical)
(see Note2)
Switch
to coil
Across
switch
Closed
switch
to coil
Across
open
switch
1 Form A, Switch No. 1
Package Type 1 (mu-metal)
111-1-A-3/1D
3
200 Ω
0.15 Ω
1012 Ω
1012 Ω
1.5 pF
0.15 pF
111-1-A-5/1D
5
500 Ω
1 Form A, Switch No. 1
Package Type 2 (plastic)
111P-1-A-3/1D
3
200 Ω
0.15 Ω
1012 Ω
1012 Ω
1.5 pF
0.15 pF
111P-1-A-5/1D
5
400 Ω
1 Form A Coaxial
Switch No. 1
Package Type 3 (mu-metal)
111RF-1-A-5/1D
5
180 Ω
0.15 Ω
1012 Ω
1012 Ω
1.5 pF
0.15 pF
When an internal diode is required, the suffix D is added to the part number as shown in the table.
Note2: Capacitance across open switch
This is measured with all other component leads connected to the guard terminal of the measuring bridge.
Note3: Insulation resistance
Insulation resistance will reduce at higher temperatures. For more information on temperature effects
click here, or
contact Pickering for more in depth guidance.
For FREE evaluation samples go to: pickeringrelay.com/samples
The technical information shown in this data sheet could contain inaccuracies or typographical errors. This information may
be periodically changed or updated and these changes will be included in future versions of this data sheet.
For different values, latest specifications and product details, please contact your local Pickering sales office.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com