Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL128SDPBFAQ Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # S25FL128SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPBFAQ Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button S25FL128SDPBFAQ Datasheet HTML 65Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 66Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 67Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 68Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 69Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 70Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 71Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 72Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 68 of 148
S25FL128S/S25FL256S
Read Flash Array
READ
Read (3- or 4-byte address)
03
50
4READ
Read (4-byte address)
13
50
FAST_READ Fast Read (3- or 4-byte address)
0B
133
4FAST_READ Fast Read (4-byte address)
0C
133
DDRFR
DDR Fast Read (3- or 4-byte address)
0D
80
4DDRFR
DDR Fast Read (4-byte address)
0E
80
DOR
Read Dual Out (3- or 4-byte address)
3B
104
4DOR
Read Dual Out (4-byte address)
3C
104
QOR
Read Quad Out (3- or 4-byte address)
6B
104
4QOR
Read Quad Out (4-byte address)
6C
104
DIOR
Dual I/O Read (3- or 4-byte address)
BB
104
4DIOR
Dual I/O Read (4-byte address)
BC
104
DDRDIOR
DDR Dual I/O Read (3- or 4-byte address)
BD
80
4DDRDIOR
DDR Dual I/O Read (4-byte address)
BE
80
QIOR
Quad I/O Read (3- or 4-byte address)
EB
104
4QIOR
Quad I/O Read (4-byte address)
EC
104
DDRQIOR
DDR Quad I/O Read (3- or 4-byte address)
ED
80
4DDRQIOR
DDR Quad I/O Read (4-byte address)
EE
80
Program Flash
Array
PP
Page Program (3- or 4-byte address)
02
133
4PP
Page Program (4-byte address)
12
133
QPP
Quad Page Program (3- or 4-byte address)
32
80
QPP
Quad Page Program - Alternate instruction (3- or 4-byte address)
38
80
4QPP
Quad Page Program (4-byte address)
34
80
PGSP
Program Suspend
85
133
PGRS
Program Resume
8A
133
Erase Flash
Array
P4E
Parameter 4-kB, sector Erase (3- or 4-byte address)
20
133
4P4E
Parameter 4-kB, sector Erase (4-byte address)
21
133
BE
Bulk Erase
60
133
BE
Bulk Erase (alternate command)
C7
133
SE
Erase 64 kB or 256 kB (3- or 4-byte address)
D8
133
4SE
Erase 64 kB or 256 kB (4-byte address)
DC
133
ERSP
Erase Suspend
75
133
ERRS
Erase Resume
7A
133
One Time
Program Array
OTPP
OTP Program
42
133
OTPR
OTP Read
4B
133
Table 45. S25FL128S and S25FL256S Command Set (sorted by function) (Continued)
Function
Command
Name
Command Description
Instruction
Value (Hex)
Maximum
Frequency
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com