Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL128SDPBFAQ Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # S25FL128SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPBFAQ Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button S25FL128SDPBFAQ Datasheet HTML 23Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 24Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 25Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 26Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 27Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 28Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 29Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 30Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 26 of 148
S25FL128S/S25FL256S
Figure 22. Power-Down and Voltage Drop
4.5
DC Characteristics
Applicable within operating ranges.
Notes:
1. Typical values are at TAI = 25°C and VCC = VIO = 3V.
2. Output switching current is not included.
Table 7. DC Characteristics — Operating Temperature Range –40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
(1)
Max
Unit
VIL
Input Low Voltage
–0.5
–
0.2 x VIO
V
VIH
Input High Voltage
0.7
 VIO
–
VIO+0.4
V
VOL
Output Low Voltage
IOL = 1.6 mA, VCC = VCC min
–
–
0.15
 VIO
V
VOH
Output High Voltage
IOH = –0.1 mA
0.85
 VIO
–
V
ILI
Input Leakage Current VCC = VCC Max, VIN = VIH or VIL
–
–
±2
µA
ILO
Output Leakage
Current
VCC = VCC Max, VIN = VIH or VIL
–
–
±2
µA
ICC1
Active Power Supply
Current (READ)
Serial SDR@50 MHz
Serial SDR@133 MHz
Quad SDR@80 MHz
Quad SDR@104 MHz
Quad DDR@66 MHz
Quad DDR@80 MHz
Outputs unconnected during read data return (2)
–
–
16
33
50
61
75
90
mA
ICC2
Active Power Supply
Current (Page
Program)
CS# = VIO
–
–
100
mA
ICC3
Active Power Supply
Current (WRR)
CS# = VIO
–
–
100
mA
ICC4
Active Power Supply
Current (SE)
CS# = VIO
–
–
100
mA
ICC5
Active Power Supply
Current (BE)
CS# = VIO
–
–
100
mA
ISB (Industrial)
Standby Current
RESET#, CS# = VIO; SI, SCK = VIO or VSS,
Industrial Temp
–
70
100
µA
ISB (Industrial Plus) Standby Current
RESET#, CS# = VIO; SI, SCK = VIO or VSS,
Industrial Plus Temp
–
70
300
µA
tPD
(max)
(min)
VCC
tPU
Device Access
Allowed
Time
VCC
VCC
No Device Access Allowed
(cut-off)
VCC
(low)
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com