Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL128SDPBFAQ Datasheet(PDF) 116 Page - Cypress Semiconductor

Part # S25FL128SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPBFAQ Datasheet(HTML) 116 Page - Cypress Semiconductor

Back Button S25FL128SDPBFAQ Datasheet HTML 112Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 113Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 114Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 115Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 116Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 117Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 118Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 119Page - Cypress Semiconductor S25FL128SDPBFAQ Datasheet HTML 120Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 115 of 148
S25FL128S/S25FL256S
9.8.6
PPB Program (PPBP E3h)
Before the PPB Program (PPBP) command can be accepted by the device, a Write Enable (WREN) command must be issued. After
the Write Enable (WREN) command has been decoded, the device will set the Write Enable Latch (WEL) in the Status Register to
enable any write operations.
The PPBP command is entered by driving CS# to the logic low state, followed by the instruction, followed by the 32-bit address
selecting location zero within the desired sector (note, the high order address bits not used by a particular density device must be
zero).
The PPBP command affects the P_ERR and WIP bits of the Status and Configuration Registers in the same manner as any other
programming operation.
CS# must be driven to the logic high state after the last bit of address has been latched in. If not, the PPBP command is not
executed. As soon as CS# is driven to the logic high state, the self-timed PPBP operation is initiated. While the PPBP operation is in
progress, the Status Register may be read to check the value of the Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit is a
1 during the self-timed PPBP operation, and is a 0 when it is completed. When the PPBP operation is completed, the Write Enable
Latch (WEL) is set to a 0.
Figure 81. PPBP Command Sequence
9.8.7
PPB Erase (PPBE E4h)
The PPB Erase (PPBE) command sets all PPB bits to 1. Before the PPB Erase command can be accepted by the device, a Write
Enable (WREN) command must be issued and decoded by the device, which sets the Write Enable Latch (WEL) in the Status
Register to enable any write operations.
The instruction E4h is shifted into SI by the rising edges of the SCK signal.
CS# must be driven into the logic high state after the eighth bit of the instruction byte has been latched in on SI. This will initiate the
beginning of internal erase cycle, which involves the pre-programming and erase of the entire PPB memory array. Without CS#
being driven to the logic high state after the eighth bit of the instruction, the PPB erase operation will not be executed.
With the internal erase cycle in progress, the user can read the value of the Write-In Progress (WIP) bit to check if the operation has
been completed. The WIP bit will indicate a 1 when the erase cycle is in progress and a 0 when the erase cycle has been completed.
Erase suspend is not allowed during PPB Erase.
Figure 82. PPB Erase Command Sequence
IInstruction
32 bit Address
1
3
2
10
9
8
7
6
5
4
0
38
37
36
39
0
1
31
30
29
3
2
SCK
SI
SO
MSB
High Impedance
CS
0
1
7
6
5
4
3
2
MSB
35
#
1
3
27
6
5
4
0
Instruction
SCK
SO
High Impedance
SI
CS#
0
1
7
6
5
4
3
2
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com