Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-HC2 Datasheet(PDF) 40 Page - Metcal

Part # PS-HC2
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

PS-HC2 Datasheet(HTML) 40 Page - Metcal

Back Button PS-HC2 Datasheet HTML 36Page - Metcal PS-HC2 Datasheet HTML 37Page - Metcal PS-HC2 Datasheet HTML 38Page - Metcal PS-HC2 Datasheet HTML 39Page - Metcal PS-HC2 Datasheet HTML 40Page - Metcal PS-HC2 Datasheet HTML 41Page - Metcal PS-HC2 Datasheet HTML 42Page - Metcal PS-HC2 Datasheet HTML 43Page - Metcal PS-HC2 Datasheet HTML 44Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
4
37
APR-5000-DZ Advanced Package Rework System
DesignandfunctionalitycometogetherinthecompactandpowerfulAPR-5000-DZAdvancedPackageReworkSystem.
Thissystemprovidesclosed-loopcontrol,optimizedvisionandprecisecomponentplacementonacompactplatformof
19"x30"(483mmx762mm).Selfcontainedpumpsarestandardonthiscompactplatformallowingforeasybenchtopsetup.
Capableofhandlingboardsupto9"x15"(229mmx381mm),withaplacementaccuracyto0.001"(0.025mm)and
interconnectionpitchesaslowas0.012"(0.3mm),theAPR-5000-DZisidealforreworkingsmallerassembliessuchas
cellphonesandlaptopcomputers.
TheAPR-5000-DZSystemincorporatespowerful,efficientandfastresponseconvectivetopreflowheaterandbottom
dualzonepre-heatersfordeliveringfastrampandtightdeltatemperaturecontrolhorizontally,acrossthesurfaceof
PCBsupto0.25"thick,andverticallybetweenthedieandballofthereworkedcomponents.
Thesinglereflow/placementheadcanbemovedtothecorrectposition forreworkallowingPCBassemblieswith2"
(50mm)undersidecomponentstobestationarymountedabovethepre-heater.Anoptional
XYtablecanbeaddedtominimizeoperatorfatigueandisidealforsmallPCB
assemblieswithlessthan.25"(6.4mm)undersidecomponents.Inaddition,theAPR-
5000-DZ-TABisanAPR-5000-DZsystemwithapre-assembledXYtable.
Thesystemalsoincorporatesanexclusiveintegralvisionsystemthatmakes
viewing,aligningandaccuratelyplacingacomponenteasybyallowingoperators
tosimultaneouslyviewthetopsideofthePCBandasuperimposedimageofthe
undersideofthecomponent.Then,withmicrometeradjustment,imagescanbe
accuratelyalignedintheX,Y&Thetaaxespriortoplacement.Inaddition,
integratingthevisionsystemwiththemachine'ssoftwareeliminatestheneedfor
multiplemonitors.
New
Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com