Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-HC2 Datasheet(PDF) 20 Page - Metcal

Part # PS-HC2
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

PS-HC2 Datasheet(HTML) 20 Page - Metcal

Back Button PS-HC2 Datasheet HTML 16Page - Metcal PS-HC2 Datasheet HTML 17Page - Metcal PS-HC2 Datasheet HTML 18Page - Metcal PS-HC2 Datasheet HTML 19Page - Metcal PS-HC2 Datasheet HTML 20Page - Metcal PS-HC2 Datasheet HTML 21Page - Metcal PS-HC2 Datasheet HTML 22Page - Metcal PS-HC2 Datasheet HTML 23Page - Metcal PS-HC2 Datasheet HTML 24Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
17
0.56"
14.22mm
0.04"
1.0mm
0.36"
9.2mm
0.04"
1mm
0.39"
10mm
0.06"
1.5mm
0.4"
10.0mm
0.08"
2.0mm
.394"
10mm
0.1"
2.5mm
0.3"
7.6mm
0.2"
5mm
0.474"
12.04mm
0.06"
1.5mm
.632"
16.04mm
0.08"
2.0mm
0.34"
8.6mm
0.016"
0.4mm
0.2"
4.95mm
0.02"
0.5mm
0.6"
15.21mm
0.016"
0.4mm
.579"
14.7mm
0.02"
0.5mm
0.59"
14.9mm
0.016"
0.4mm
0.6"
15.21mm
0.02"
0.5mm
16.5mm
0.65"
30˚
1.5mm
0.06"
.70"
17.78mm
0.14"
3.5mm
0.63"
16mm
0.2"
5.0mm
.36"
9.14mm
.02"
0.5mm
.41"
10.4mm
A
.20"
5.07mm
.137"
3.48mm
.07"
1.78mm
for MFR-SRC System and MFR-HSR Hand-piece
for MFR-SRC System and MFR-HSR Hand-piece
Soldering Cartridges
SFP-BVL10
BevelCartridge
60°1.0mm(.04̎)
SFP-CH10
ChiselCartridge
30°1.0mm(.04̎)
SFP-CH15
ChiselCartridge
30°1.5mm(.06̎)
SFP-CH20
ChiselCartridge
30°2.0mm(.08̎)
SFP-CH25
ChiselCartridge
30°2.5mm(.10̎)
SFP-CH50
ChiselCartridge
30°5.0mm(.20̎)
SFP-CHB15
ChiselCartridge
30°Bent1.5mm(.06̎)
SFP-CHL20
ChiselCartridge60°
LongReach1.57mm(.062̎)
SFP-CN04
ChiselCartridge
30°Bent1.5mm(.06̎)
SFP-CN05
ConicalCartridge
0.5mm(.02̎)
SFP-CNB04
ConicalCartridgeBent
0.4mm(.016̎)
SFP-CNB05
ConicalCartridgeBent
0.5mm(.02̎)
SFP-CNL04
ConicalCartridgeLong
Reach0.4mm(.016̎)
SFP-DRH05
DragSolderingCartridge
Hook,0.5mm(.02̎)
SFP-DRH15
DragSolderingCartridge
Hoof,1.5mm(.06̎)
SFP-DRH35
DragSolderingCartridge
Hook,3.5mm(.14̎)
SFP-DRK50
DragSolderingCartridge
Knife,5.0mm(.20̎)
Rework Cartridges
Part No.
Description
A
RFP-BL1
BladeCartridges
10mm(0.4̎)
RFP-BL2
BladeCartridges
16mm(0.63̎)
RFP-BL3
BladeCartridges
22mm(0.87̎)
Part No.
SMT TYPE
A
RFP-SL1
0805ChipPackage
2.34mm(.092̎)
RFP-SL2
1206ChipPackage
3.48mm(.137̎)
A
BLADE CARTRIDGES
SLOT CARTRIDGES
Theseconddigitdenotessubstratematerial(damagetolerance).F=FR4/GlassFiber,formoststandardapplications.Twootherseriesarealsoavailable,just
replaceFwitheitherTorC. T=TemperatureSensitive,C=Ceramic
Theseconddigitdenotessubstratematerial(damagetolerance).F=FR4/GlassFiber,formoststandardapplications.AlsoavailableinCSeries,C=Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com