Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEP1A331MPD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UEP1A331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UEP1A331MPD Datasheet(HTML) 3 Page - Nichicon corporation

  UEP1A331MPD Datasheet HTML 1Page - Nichicon corporation UEP1A331MPD Datasheet HTML 2Page - Nichicon corporation UEP1A331MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UEP
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
(
at 20℃ after
5 minutes
)
50
(1H)
22
8×11.5
0.14
33
63
 UEP1H220MPD
33
8×11.5
0.14
49.5
77
 UEP1H330MPD
47
10×12.5
0.14
70.5
105
 UEP1H470MPD
100
10×20
0.14
150
190
 UEP1H101MPD
220
12.5×25
0.14
330
340
 UEP1H221MHD
330
16×25
0.14
495
460
 UEP1H331MHD
470
16×30.5
0.14
705
590
 UEP1H471MHD
63
(1J)
22
8×11.5
0.12
41.58
68
 UEP1J220MPD
33
10×12.5
0.12
62.37
98
 UEP1J330MPD
47
10×16
0.12
88.83
130
 UEP1J470MPD
100
12.5×20
0.12
189
225
 UEP1J101MHD
220
16×25
0.12
415.8
405
 UEP1J221MHD
330
16×30.5
0.12
623.7
535
 UEP1J331MHD
470
18×35.5
0.12
888.3
680
 UEP1J471MHD
100
(2A)
10
8×11.5
0.10
30
50
 UEP2A100MPD
22
10×16
0.10
66
97
 UEP2A220MPD
33
12.5×20
0.10
99
140
 UEP2A330MHD
47
12.5×20
0.10
141
170
 UEP2A470MHD
100
16×25
0.10
300
300
 UEP2A101MHD
220
18×35.5
0.10
660
510
 UEP2A221MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com