Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEP1A331MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UEP1A331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UEP1A331MPD Datasheet(HTML) 2 Page - Nichicon corporation

  UEP1A331MPD Datasheet HTML 1Page - Nichicon corporation UEP1A331MPD Datasheet HTML 2Page - Nichicon corporation UEP1A331MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UEP
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
(
at 20℃ after
5 minutes
)
6.3
(0J)
220
8×11.5
0.24
41.58
150
 UEP0J221MPD
330
8×11.5
0.24
62.37
185
 UEP0J331MPD
470
10×12.5
0.24
88.83
260
 UEP0J471MPD
1000
10×20
0.24
189
460
 UEP0J102MPD
2200
12.5×25
0.26
415.8
820
 UEP0J222MHD
3300
16×25
0.28
623.7
1110
 UEP0J332MHD
4700
16×30.5
0.30
888.3
1430
 UEP0J472MHD
6800
18×35.5
0.34
1285.2
1830
 UEP0J682MHD
10
(1A)
220
8×11.5
0.24
66
150
 UEP1A221MPD
330
10×16
0.24
99
240
 UEP1A331MPD
470
10×16
0.24
141
290
 UEP1A471MPD
1000
12.5×20
0.24
300
510
 UEP1A102MHD
2200
16×25
0.26
660
910
 UEP1A222MHD
3300
16×30.5
0.28
990
1200
 UEP1A332MHD
4700
18×35.5
0.30
1410
1520
 UEP1A472MHD
16
(1C)
100
8×11.5
0.20
48
110
 UEP1C101MPD
220
10×12.5
0.20
105.6
195
 UEP1C221MPD
330
10×16
0.20
158.4
265
 UEP1C331MPD
470
10×20
0.20
225.6
345
 UEP1C471MPD
1000
12.5×25
0.20
480
605
 UEP1C102MHD
2200
16×30.5
0.22
1056
1070
 UEP1C222MHD
3300
18×35.5
0.24
1584
1400
 UEP1C332MHD
25
(1E)
100
8×11.5
0.20
75
110
 UEP1E101MPD
220
10×16
0.20
165
215
 UEP1E221MPD
330
12.5×20
0.20
247.5
320
 UEP1E331MHD
470
12.5×20
0.20
352.5
380
 UEP1E471MHD
1000
16×25
0.20
750
670
 UEP1E102MHD
2200
18×35.5
0.22
1650
1140
 UEP1E222MHD
35
(1V)
33
8×11.5
0.16
34.65
72
 UEP1V330MPD
47
8×11.5
0.16
49.35
86
 UEP1V470MPD
100
10×16
0.16
105
160
 UEP1V101MPD
220
12.5×20
0.16
231
290
 UEP1V221MHD
330
12.5×20
0.16
346.5
350
 UEP1V331MHD
470
12.5×25
0.16
493.5
465
 UEP1V471MHD
1000
16×30.5
0.16
1050
805
 UEP1V102MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com