Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2.5 SATA HDD Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # 2.5 SATA HDD
Description  Fanless Embedded System with Intel® Core™ i5-8365UE/Celeron® 4305UE Processor, HDMI/DisplayPort, 2 GbE LAN, 2 COM, 4 USB, and 12VDC Power Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

2.5 SATA HDD Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  2.5 SATA HDD Datasheet HTML 1Page - Axiomtek Co., Ltd. 2.5 SATA HDD Datasheet HTML 2Page - Axiomtek Co., Ltd. 2.5 SATA HDD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
Rear view
Front view
8th gen Intel® Core™
processor onboard
DisplayPort++
AT/ATX quick switch
USB 3.1 Gen2
2 x RS-232/422/485
12 VDC power input
Grounding
HDMI
LAN
2 x USB 2.0
1 x M.2 Key E 2230
(for Wi-Fi)
2 x Antenna
opening
Specifications
Standard Color
Silver
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Core™ i5-8365UE, 1.6 GHz
Intel® Celeron® 4305UE, 2.0 GHz
System Memory
1 x 260-pin DDR4-2400 SO-DIMM, max. up to 32GB
Chipset
SoC integrated
BIOS
AMI UEFI BIOS
System I/O Outlet
2 x RS-232/422/485
2 x 10/100/1000 Mbps Ethernet (Intel® I219-LM, Intel® I210-AT)
2 x USB 2.0
2 x USB 3.1 Gen2
1 x DisplayPort++
1 x HDMI
1 x ATX power switch
1 x AT/ATX quick switch
1 x Screw type VDC power input connector
2 x Antenna opening
Watchdog Timer
65535 levels, 1 to 65536 sec.
Storage
1 x 2.5" SATA HDD drive bay (max. up 9.5 mm height)
Expansion Interface
1 x M.2 Key E 2230 (for Wi-Fi)
TPM
N/A
System Indicator
1 x Green LED for system power-on
1 x Orange LED for HDD active
Power Input
12 VDC
eBOX560-52R-FL
Fanless Embedded System with Intel® Core™ i5-8365UE/Celeron® 4305UE Processor, HDMI/DisplayPort++,
2 GbE LAN, 2 COM, 4 USB, and 12VDC Power Input
Features
● 8th gen Intel® Core™ and Celeron® processor
onboard
● 1 M.2 Key E 2230 for Wi-Fi module
● 260-pin DDR4-2400 SO-DIMM, max. up to 32GB
● 2 GbE LAN and 2 USB 3.1 Gen2
● Supports DisplayPort++ and HDMI for dual independent
displays
● Multiple mounting designs: Wall mount, DIN-rail and
VESA mount
Updated Oct. 09, 2024.
Dual-View
USB 3.1
12 VDC


Similar Part No. - 2.5 SATA HDD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
2.5 SATA HDD AXIOMTEK-2.5 SATA HDD Datasheet
339Kb / 3P
Fanless Embedded System with Intel® Celeron® N3350 or Pentium® N4200, 2 HDMI, 2 GbE LAN, and 6 USB
Oct. 11, 2024.
2.5 SATA HDD AXIOMTEK-2.5 SATA HDD Datasheet
452Kb / 3P
Fanless Embedded System with Intel® Alder Lake-N Processor, 2 LAN/4 LAN, HDMI, DisplayPort, 2 COM, 4 USB, and 9 to 36 VDC
Apr. 29, 2025.
More results

Similar Description - 2.5 SATA HDD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX530-840-FL AXIOMTEK-EBOX530-840-FL Datasheet
608Kb / 2P
Fanless Embedded System with Intel Atom Processor E3825 1.33 GHz, VGA or HDMI, GbE LAN, 2 COM and 4 USB
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL Datasheet
221Kb / 1P
Fanless Embedded System with Intel Atom Processor E3845 1.91GHz, HDMI, VGA, 2 GbE LAN, 4 USB and 4 COM
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL Datasheet
196Kb / 1P
Fanless Embedded System with Intel Atom Processor E3826 1.46GHz, HDMI, VGA, 2 GbE LAN, 4 USB and 2 COM
EBOX560-880-FL AXIOMTEK-EBOX560-880-FL_17 Datasheet
298Kb / 1P
Fanless Embedded System with Intel Celeron 2980U Core i5 4300U
IPC912-213-FL AXIOMTEK-IPC912-213-FL_17 Datasheet
483Kb / 2P
2-slot Fanless System with Intel Core i7/i5/i3 & Celeron Processor
logo
Advantech Co., Ltd.
UNO-2484G-V2 ADVANTECH-UNO-2484G-V2 Datasheet
984Kb / 4P
Intel® Core™ 11th i7/i5/i3/Celeron® Processor Modular Box PC with 4 x GbE, 4 x USB, 2 x M.2, 2 x mPCIe, HDMI 1.4, DP1.4a
2-Dec-2022
logo
AAEON Technology
BOXER-6404 AAEON-BOXER-6404 Datasheet
305Kb / 2P
Compact Embedded Box PC with LAN x 4, HDMI x 2, Intel® Celeron® J1900/N2807 Processor SoC
2022/07/21
BOXER-6405 AAEON-BOXER-6405 Datasheet
309Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron/Pentium™ Processor
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
logo
BCM Advanced Research.
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com