Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2.5 SATA HDD Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # 2.5 SATA HDD
Description  Fanless Embedded System with Intel® Core™ i5-8365UE/Celeron® 4305UE Processor, HDMI/DisplayPort, 2 GbE LAN, 2 COM, 4 USB, and 12VDC Power Input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

2.5 SATA HDD Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  2.5 SATA HDD Datasheet HTML 1Page - Axiomtek Co., Ltd. 2.5 SATA HDD Datasheet HTML 2Page - Axiomtek Co., Ltd. 2.5 SATA HDD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
* All specifications and photos are subject to change without notice.
Embedded Systems
1
Specifications
Power Protection
AC Version
OVP (over voltage protection)
OCP (over current protection)
SCP (short circuit protection)
Packing List
4 x Foot Pad
1 x Screw Pack
1 x HDD bracket
1 x DRAM thermal pad Bracket
2 x DRAM thermal pad
Ordering Information
Standard
eBOX560-52R-FL-DC-
8365UE
(P/N: E36K560156)
Fanless embedded system with Intel® Core™ i5-8365UE, HDMI/DisplayPort++, 2 GbE LAN, 2 COM, 4 USB and 12 VDC
eBOX560-52R-FL-DC-
4305UE
(P/N: E36K560157)
Fanless embedded system with Intel® Celeron® 4305UE, HDMI/DisplayPort++, 2 GbE LAN, 2 COM, 4 USB and 12 VDC
Optional
DDDR4 SO-DIMM
2.5" SATA HDD
2.5" SATA SSD
E29R129102
E29R129112
E29R129122
50966124050E
8G to 32GB
64GB or above
100GB or above
Wall mount kit
VESA mount kit
DIN-Rail kit
12V/60W power adapter
Power cord
M.2 Wi-Fi module
*Specifications and certifications may vary based on different requirements.
Operating Temperature -10°C to +50°C (+14°F to +122°F) with 0.7 m/s air flow (with W.T. SSD/DRAM)
Storage Temperature
-20°C to +80°C (-4°F to +185°F)
Humidity
10% - 90%, non-condensing
Vibration Endurance
IEC 60068-2-64 (with SSD: 3Grms STD, random, 5 to 500 Hz, 1 hr/axis)
Shock Vibration
IEC 60068-2-27 (with SSD: 50G, half sine, 11 ms duration)
Dimensions
141.6 mm (5.57") x 106 mm (4.17") x 55 mm (2.17")
Weight (net/gross)
0.6 kg (1.32 lb)/1.5 kg (3.3 lb)
Certifications
CE, FCC Class A, UKCA
EOS Support
Win 10 IoT, Linux
Software Support
AMS.AXView
* W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com