Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM42X6T Datasheet(PDF) 15 Page - STMicroelectronics

Part # STR910FAM42X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM42X6T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STR910FAM42X6T Datasheet HTML 11Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 12Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 13Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 14Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 15Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 16Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 17Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 18Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Functional overview
15/99
3.5
SRAM (64K or 96K Bytes)
A 32-bit wide SRAM resides on the CPU’s Data TCM (D-TCM) interface, providing single-
cycle data accesses. As shown in Figure 1, the D-TCM shares SRAM access with the
Advanced High-performance Bus (AHB). Sharing is controlled by simple arbitration logic to
allow the DMA unit on the AHB to also access to the SRAM.
3.5.1
Arbitration
Zero-wait state access occurs for either the D-TCM or the AHB when only one of the two is
requesting SRAM. When both request SRAM simultaneously, access is granted on an
interleaved basis so neither requestor is starved, granting one 32-bit word transfer to each
requestor before relinquishing SRAM to the other. When neither the D-TCM or the AHB are
requesting SRAM, the arbiter leaves access granted to the most recent user (if D-TCM was
last to use SRAM then the D-TCM will not have to arbitrate to get access next time).
The CPU may execute code from SRAM through the AHB. There are no wait states as long
as the D-TCM is not contending for SRAM access and the AHB is not sharing bandwidth
with peripheral traffic. The ARM966E-S CPU core has a small pre-fetch queue built into this
instruction path through the AHB to look ahead and fetch instructions during idle bus cycles.
3.5.2
Battery backup
When a battery is connected to the designated battery backup pin (VBATT), SRAM contents
are automatically preserved when the operating voltage on the main digital supplies (VDD
and VDDQ are lost or sag below the LVD threshold. Automatic switchover to SRAM can be
disabled by firmware if it is desired that the battery will power only the RTC and not the
SRAM during standby.
3.6
DMA data movement
DMA channels on the Advanced High-performance Bus (AHB) take full advantage of the
separate data path provided by the Harvard architecture, moving data rapidly and largely
independent of the instruction path. There are two DMA units, one is dedicated to move data
between the Ethernet interface and SRAM, the other DMA unit has eight programmable
channels with 16 request signals to service other peripherals and interfaces (USB, SSP, I2C,
ADC, UART, Timers, EMI, and external request pins). Both single word and burst DMA
transfers are supported. Memory-to-memory transfers are supported in addition to memory-
peripheral transfers. DMA access to SRAM is shared with D-TCM accesses, and arbitration
is described in Section 3.5.1. Efficient DMA transfers are managed by firmware using linked
list descriptor tables. Of the 16 DMA request signals, two are assigned to external inputs.
The DMA unit can move data between external devices and resources inside the STR91xFA
through the EMI bus.
3.7
Non-volatile memories
There are two independent 32-bit wide Burst Flash memories enabling true read-while-write
operation. The Flash memories are single-voltage erase/program with 20 year minimum
data retention and 100K minimum erase cycles. The primary Flash memory is much larger
than the secondary Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com