Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM42X6T Datasheet(PDF) 24 Page - STMicroelectronics

Part # STR910FAM42X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM42X6T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STR910FAM42X6T Datasheet HTML 20Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 21Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 22Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 23Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 24Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 25Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 26Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 27Page - STMicroelectronics STR910FAM42X6T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
Functional overview
STR91xFAx32 STR91xFAx42 STR91xFAx44
24/99
Mode. The entire chip is quiescent (except for RTC and wake-up circuitry). There are three
means to exit Sleep Mode and re-start the system:
●
Some resets (external reset pin, low-voltage, power-up, JTAG debug command)
●
RTC alarm
●
Input from wake-up unit
3.12
Voltage supplies
The STR91xFA requires two separate operating voltage supplies. The CPU and memories
operate from a 1.65V to 2.0V on the VDD pins, and the I/O ring operates at 2.7V to 3.6V on
the VDDQ pins.
3.12.1
Independent A/D converter supply and reference voltage
The ADC unit on 128-pin and 144-ball packages has an isolated analog voltage supply input
at pin AVDD to accept a very clean voltage source, independent of the digital voltage
supplies. Additionally, an isolated analog supply ground connection is provided on pin AVSS
only on 128-pin and 144-ball packages for further ADC supply isolation. On 80-pin
packages, the analog voltage supply is shared with the ADC reference voltage pin (as
described next), and the analog ground is shared with the digital ground at a single point in
the STR91xFA device on pin AVSS_VSSQ.
A separate external analog reference voltage input for the ADC unit is available on 128-pin
and 144-ball packages at the AVREF pin for better accuracy on low voltage inputs. For 80-
pin packages, the ADC reference voltage is tied internally to the ADC unit supply voltage at
pin AVREF_AVDD, meaning the ADC reference voltage is fixed to the ADC unit supply
voltage.
See Table 12: Operating conditions, for restrictions to the relative voltage levels of VDDQ,
AVDD, AVREF, and AVREF_AVDD.
3.12.2
Battery supply
An optional stand-by voltage from a battery or other source may be connected to pin VBATT
to retain the contents of SRAM in the event of a loss of the main digital supplies (VDD and
VDDQ) . The SRAM will automatically switch its supply from the internal VDD source to the
VBATT pin when the voltage of VDD drops below the LVD threshold (and not VBAT). In order
to use the battery supply, the LVD must be enabled.
The VBATT pin also supplies power to the RTC unit, allowing the RTC to function even when
the main digital supplies (VDD and VDDQ) are switched off. By configuring the RTC register,
it is possible to select whether or not to power from VBATT only the RTC unit, or power the
RTC unit and the SRAM when the STR91xFA device is powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com