Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL032MP Datasheet(PDF) 1 Page - Texas Instruments

Part # TL032MP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL032MP Datasheet(HTML) 1 Page - Texas Instruments

  TL032MP Datasheet HTML 1Page - Texas Instruments TL032MP Datasheet HTML 2Page - Texas Instruments TL032MP Datasheet HTML 3Page - Texas Instruments TL032MP Datasheet HTML 4Page - Texas Instruments TL032MP Datasheet HTML 5Page - Texas Instruments TL032MP Datasheet HTML 6Page - Texas Instruments TL032MP Datasheet HTML 7Page - Texas Instruments TL032MP Datasheet HTML 8Page - Texas Instruments TL032MP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Direct Upgrades for the TL06x Low-Power
BiFETs
D Low Power Consumption . . .
6.5 mW/Channel Typ
D On-Chip Offset-Voltage Trimming for
Improved DC Performance
(1.5 mV, TL031A)
D Higher Slew Rate and Bandwidth Without
Increased Power Consumption
D Available in TSSOP for Small Form-Factor
Designs
description
The TL03x series of JFET-input operational amplifiers offer improved dc and ac characteristics over the TL06x
family of low-power BiFET operational amplifiers. On-chip zener trimming of offset voltage yields precision
grades as low as 1.5 mV (TL031A) for greater accuracy in dc-coupled applications. The Texas Instruments
improved BiFET process and optimized designs also yield improved bandwidths and slew rates without
increased power consumption. The TL03x devices are pin-compatible with the TL06x and can be used to
upgrade existing circuits or for optimal performance in new designs.
BiFET operational amplifiers offer the inherently higher input impedance of the JFET-input transistors without
sacrificing the output drive associated with bipolar amplifiers. This higher input impedance makes the TL3x
amplifiers better suited for interfacing with high-impedance sensors or very low-level ac signals. These devices
also feature inherently better ac response than bipolar or CMOS devices having comparable power
consumption.
The TL03x family has been optimized for micropower operation, while improving on the performance of the
TL06x series. Designers requiring significantly faster ac response should consider the Excalibur
 TLE206x
family of low-power BiFET operational amplifiers.
Because BiFET operational amplifiers are designed for use with dual power supplies, care must be taken to
observe common-mode input-voltage limits and output swing when operating from a single supply. DC biasing
of the input signal is required, and loads should be terminated to a virtual-ground node at midsupply. The TI
TLE2426 integrated virtual-ground generator is useful when operating BiFET amplifiers from single supplies.
The TL03x devices are fully specified at
±15 V and ±5 V. For operation in low-voltage and/or single-supply
systems, the TI LinCMOS families of operational amplifiers (TLC prefix) are recommended. When moving from
BiFET to CMOS amplifiers, particular attention should be paid to slew rate, bandwidth requirements, and output
loading.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from –40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of –55
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Excalibur is a trademark of Texas Instruments.


Similar Part No. - TL032MP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL032MFKB TI-TL032MFKB Datasheet
1Mb / 63P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL032MFKB TI1-TL032MFKB Datasheet
1Mb / 72P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL032MFKB TI1-TL032MFKB Datasheet
2Mb / 74P
ENHANCED-JFET LOW-POWER LOW-OFFSET
TL032MJGB TI-TL032MJGB Datasheet
1Mb / 63P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL032MJGB TI1-TL032MJGB Datasheet
1Mb / 72P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
More results

Similar Description - TL032MP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL061 TI-TL061 Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL05XA TI-TL05XA Datasheet
1Mb / 63P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI-TL03X Datasheet
1Mb / 63P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05X TI-TL05X_07 Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
19-Mar-2008
logo
Texas Instruments
TL031 TI1-TL031 Datasheet
1Mb / 72P
ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL03X TI1-TL03X_15 Datasheet
2Mb / 74P
ENHANCED-JFET LOW-POWER LOW-OFFSET
TL05X TI1-TL05X_14 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com