Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL032MP Datasheet(PDF) 28 Page - Texas Instruments

Part # TL032MP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL032MP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TL032MP Datasheet HTML 24Page - Texas Instruments TL032MP Datasheet HTML 25Page - Texas Instruments TL032MP Datasheet HTML 26Page - Texas Instruments TL032MP Datasheet HTML 27Page - Texas Instruments TL032MP Datasheet HTML 28Page - Texas Instruments TL032MP Datasheet HTML 29Page - Texas Instruments TL032MP Datasheet HTML 30Page - Texas Instruments TL032MP Datasheet HTML 31Page - Texas Instruments TL032MP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
–1.2
0
VIO – Input Offset Voltage – mV
12
–0.6
0
0.6
1.2
3
6
9
DISTRIBUTION OF TL034
INPUT OFFSET VOLTAGE
TA = 25°C
D Package
VCC
± = ±15 V
1681 Amplifiers Tested From 1 Wafer Lot
Figure 11
–1.8
0
VIO – Input Offset Voltage – mV
1.8
–1.2
0.6
0
0.6
1.2
3
6
9
12
DISTRIBUTION OF TL034A
INPUT OFFSET VOLTAGE
1716 Amplifiers Tested From 3 Wafer Lots
N Package
VCC
± = ±15 V
TA = 25°C
15
Figure 12
0
–30
– Input Offset-Voltage Temperature Coefficient –
µV/°C
6
12
18
24
–20
–10
0
10
20
30
DISTRIBUTION OF TL031
INPUT OFFSET-VOLTAGE
TEMPERATURE COEFFICIENT
76 Units Tested From 1 Wafer Lot
VCC
± = ±15 V
TA = 25°C to 125°C
P Package
a
V
IO
Figure 13
–40
0
– Temperature Coefficient –
µV/°C
40
30
5
10
15
20
25
–30
–20
–10
0
10
20
30
DISTRIBUTION OF TL032
INPUT OFFSET-VOLTAGE
TEMPERATURE COEFFICIENT
P Package
VCC
± = ±15 V
160 Amplifiers Tested From 2 Wafer Lots
TA = 25°C to 125°C
a
V
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com