Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULD1A331MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # ULD1A331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

ULD1A331MPD Datasheet(HTML) 1 Page - Nichicon corporation

  ULD1A331MPD Datasheet HTML 1Page - Nichicon corporation ULD1A331MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
ULD Miniaturesized,LongLifeAssurance
Long Life product withstanding
load life of 20000 hours (some are 15000 or 10000 hours) at +105°C.
Suited for the power supply for LED lighting.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
U
1
L
2
D
3
2
4
G
5
6
6
R
7
8
8
M
9
10 11
Capacitance tolerance (±20%)
Rated capacitance (6.8µF)
Rated voltage (400V)
P D
12
T
Size code
Series name
Type
Radial Lead Type
Type numbering system (Example : 400V 6.8µF)
Configuration
φ D
Pb-free leadwire Pb-free PET sleeve
8 • 10
PD
12.5 to 18
HD
Configuration
15min.
4min.
Sleeve (PET)
φ d
φD
P
8
3.5
10
5.0
12.5
5.0
φd
0.6
0.6
0.6
16
7.5
0.8
18
7.5
0.8
(mm)
L±2.0
Pressure
relief vent
ULD
Long Life
UCY
UHE
Specifications
400
6
10
450
6
----
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Marking
Item
–40 to +105°C
10 to 450V
22 to 330µF
± 20% at 120Hz, 20°C
Rated Voltage(V)
Rated Voltage(V)
----
----
10 to 100
10 to 100
After 2 minutes' application of rated voltage at 20°C,
leakage current is not more than 0.01CV (µA).
The specifications listed below shall be met
when the capacitors are restored to 20˚C
after D.C. bias plus rated ripple current is
applied for 10000 hours at 105˚C, the peak
voltage shall not exceed the rated voltage.
160 to 450
160 to 450
After 1 minute's application of rated voltage at 20°C,
CV <= 1000 : I= 0.1CV+40 (µA) or less.
CV > 1000 : I= 0.04CV+100 (µA) or less.
The specifications listed below shall be met when the
capacitors are restored to 20˚C after D.C. bias plus
rated ripple current is applied for 20000 hours (15000
hours for φ8×11.5L, φ10×12.5L) at 105°C, the peak
voltage shall not exceed the rated voltage.
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Measurement frequency : 120Hz
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
10
8
----
16
6
----
25
·35
4
----
50 to 100
3
----
160
3
8
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan δ (max.)
10
0.45
Shelf Life
300% or less than the initial specified value
Less than or equal to the initial specified value
Within ± 25%(10V to 100V) ± 30%(160V to 450V) of the initial capacitance value
Capacitance change
Leakage current
tan δ
16
0.35
25
0.3
35
0.22
50
0.19
63
0.17
100
0.15
160 to 450
0.24
22µF
47 to 330µF
0.75
0.85
120Hz
1kHz
10kHz
100kHz
0.55
0.70
0.90
0.95
1.00
1.00
Cap.(
µF)
Frequency
Frequency coefficient of rated ripple current (10〜100V)
2.2 to 5.6µF
120Hz
1.00
1kHz
1.60
10kHz
1.80
100kHz or more
2.00
6.8 to 18µF
1.00
1.50
1.70
1.90
22 to 68µF
1.00
1.40
1.60
1.80
Frequency coefficient of rated ripple current(160
∼450V)
Cap.(µF)
Frequency
V
2C
2D
2E
2G
2W
160
200
250
400
450
Cap.(µF)
Code
010
1R2
1R5
1R8
2R2
2R7
3R3
3R9
4R7
5R6
6R8
8R2
100
120
150
180
220
270
330
470
680
6.3
× 11
6.3
× 11
8
× 9
8
× 11.5
10
× 9
10
× 12.5
10
× 16
52
55
70
92
95
121
158
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 9
8
× 9
8
× 9
8
× 11.5
10
× 9
10
× 12.5
10
× 16
36
42
49
50
56
62
66
80
88
113
149
6.3
× 11
6.3
× 11
6.3
× 11
8
× 9
8
× 11.5
8
× 11.5
10
× 9
10
× 12.5
10
× 12.5
10
× 16
33
36
42
53
62
68
76
90
97
129
6.3
× 11
8
× 9
6.3
× 11
8
× 9
8
× 11.5
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 12.5
10
× 16
10
× 16
24
28
29
30
33
40
33
43
47
48
57
61
64
85
88
10
× 9
8
× 9
8
× 9
10
× 16
10
× 16
10
× 20
10
× 20
12.5
× 20
12.5
× 25
16
× 20
58
62
88
92
140
240
292
305
16
× 20
1
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
47
68
Case size
φD
× L (mm)
: Rated ripple current (mArms) at 105°C 120Hz
: In this case, 6 will be put at 12th digit of
type numbering system.
16
× 25
18
× 25
18
× 31.5
392
312
480
520
18
× 20
Dimension table in next page.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
CAT.8100N


Similar Part No. - ULD1A331MPD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULD0611G-SH2-R UTC-ULD0611G-SH2-R Datasheet
179Kb / 6P
CMOS IC
ULD0691G-SH2-R UTC-ULD0691G-SH2-R Datasheet
155Kb / 5P
CMOS IC
ULD3380 UTC-ULD3380 Datasheet
169Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
ULD3380 UTC-ULD3380 Datasheet
111Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
ULD3380G-AG6-R UTC-ULD3380G-AG6-R Datasheet
169Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
More results

Similar Description - ULD1A331MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com