Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULD1A331MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # ULD1A331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

ULD1A331MPD Datasheet(HTML) 2 Page - Nichicon corporation

  ULD1A331MPD Datasheet HTML 1Page - Nichicon corporation ULD1A331MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.
ULD
Dimensions
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
(
at 20℃ after
1 minute
)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
160
(2C)
15
8×11.5
0.24
196
92
ULD2C150MPD
22
10×12.5
0.24
240.8
121
ULD2C220MPD
33
10×16
0.24
311.2
158
ULD2C330MPD
200
(2D)
10
8×11.5
0.24
180
80
ULD2D100MPD
18
10×12.5
0.24
244
113
ULD2D180MPD
27
10×16
0.24
316
149
ULD2D270MPD
400
(2G)
2.2
8×11.5
0.24
128
40
ULD2G2R2MPD
2.7
8×11.5
0.24
143.2
43
ULD2G2R7MPD
3.3
8×11.5
0.24
152.8
47
ULD2G3R3MPD
3.9
10×12.5
0.24
162.4
57
ULD2G3R9MPD
4.7
10×12.5
0.24
175.2
61
ULD2G4R7MPD
5.6
10×12.5
0.24
189.6
64
ULD2G5R6MPD
6.8
10×16
0.24
208.8
85
ULD2G6R8MPD
8.2
10×16
0.24
231.2
88
ULD2G8R2MPD
450
(2W)
5.6
10×16
0.24
200.8
58
ULD2W5R6MPD
6.8
10×16
0.24
222.4
62
ULD2W6R8MPD
8.2
10×20
0.24
247.6
88
ULD2W8R2MPD
10
10×20
0.24
280
92
ULD2W100MPD
15
12.5×20
0.24
370
140
ULD2W150MHD
22
12.5×25
0.24
496
240
ULD2W220MHD
22
16×20
0.24
496
292
ULD2W220MHD6
27
16×20
0.24
586
305
ULD2W270MHD
33
16×25
0.24
694
392
ULD2W330MHD
33
18×20
0.24
694
312
ULD2W330MHD6
47
18×25
0.24
946
480
ULD2W470MHD
68
18×30.5
0.24
1324
520
ULD2W680MHD
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
(
at 20℃ after
2 minute
)
Rated Ripple
(mArms)
(105℃/100Hz)
Part Number
10(1A)
330
8×11.5
0.45
33
330
ULD1A331MPD
16(1C)
220
8×11.5
0.35
35.2
330
ULD1C221MPD
270
8×11.5
0.35
43.2
330
ULD1C271MPD
25(1E)
150
8×11.5
0.30
37.5
330
ULD1E151MPD
35(1V)
100
8×11.5
0.22
35
330
ULD1V101MPD
50(1H)
100
8×11.5
0.19
50
270
ULD1H101MPD
63(1J)
47
8×11.5
0.17
29.61
240
ULD1J470MPD
100(2A)
22
8×11.5
0.15
22
230
ULD2A220MPD
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com