Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS2A331MHD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UPS2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPS2A331MHD Datasheet(HTML) 3 Page - Nichicon corporation

  UPS2A331MHD Datasheet HTML 1Page - Nichicon corporation UPS2A331MHD Datasheet HTML 2Page - Nichicon corporation UPS2A331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPS
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
(20℃/100kHz)
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
35
(1V)
100
8×11.5
0.12
105
0.28
410
 UPS1V101MPD
150
8×11.5
0.12
157.5
0.28
410
 UPS1V151MPD
220
10×12.5
0.12
231
0.19
600
 UPS1V221MPD
330
10×16
0.12
346.5
0.14
800
 UPS1V331MPD
470
10×20
0.12
493.5
0.11
1000
 UPS1V471MPD
680
12.5×20
0.12
714
0.075
1250
 UPS1V681MHD
1000
12.5×25
0.12
1050
0.057
1550
 UPS1V102MHD
1500
16×25
0.12
1575
0.038
1900
 UPS1V152MHD
2200
16×30.5
0.14
2310
0.033
2350
 UPS1V222MHD
3300
18×35.5
0.16
3465
0.030
2700
 UPS1V332MHD
4700
18×40
0.18
4935
0.027
3300
 UPS1V472MHD
50
(1H)
100
8×11.5
0.10
150
0.36
340
 UPS1H101MPD
150
10×12.5
0.10
225
0.26
490
 UPS1H151MPD
220
10×16
0.10
330
0.18
650
 UPS1H221MPD
330
10×20
0.10
495
0.15
810
 UPS1H331MPD
470
12.5×20
0.10
705
0.13
1100
 UPS1H471MHD
680
12.5×25
0.10
1020
0.10
1200
 UPS1H681MHD
1000
16×25
0.10
1500
0.058
1600
 UPS1H102MHD
1500
16×30.5
0.10
2250
0.040
2000
 UPS1H152MHD
2200
18×35.5
0.12
3300
0.035
2300
 UPS1H222MHD
63
(1J)
47
8×11.5
0.09
88.83
0.65
310
 UPS1J470MPD
100
10×12.5
0.09
189
0.31
390
 UPS1J101MPD
150
10×16
0.09
283.5
0.25
440
 UPS1J151MPD
220
10×20
0.09
415.8
0.20
700
 UPS1J221MPD
330
12.5×20
0.09
623.7
0.12
980
 UPS1J331MHD
470
12.5×25
0.09
888.3
0.081
1200
 UPS1J471MHD
680
16×25
0.09
1285.2
0.058
1300
 UPS1J681MHD
1000
16×30.5
0.09
1890
0.049
1380
 UPS1J102MHD
1500
18×35.5
0.09
2835
0.038
1750
 UPS1J152MHD
2200
18×40
0.11
4158
0.032
2120
 UPS1J222MHD
100
(2A)
22
8×11.5
0.08
66
0.68
230
 UPS2A220MPD
33
10×12.5
0.08
99
0.46
320
 UPS2A330MPD
47
10×16
0.08
141
0.37
420
 UPS2A470MPD
100
12.5×20
0.08
300
0.18
580
 UPS2A101MHD
150
12.5×25
0.08
450
0.13
710
 UPS2A151MHD
220
16×25
0.08
660
0.10
890
 UPS2A221MHD
330
16×25
0.08
990
0.090
1080
 UPS2A331MHD
470
16×30.5
0.08
1410
0.076
1310
 UPS2A471MHD
680
16×35.5
0.08
2040
0.064
1410
 UPS2A681MHD
1000
18×40
0.08
3000
0.047
1520
 UPS2A102MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com