Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS2A331MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UPS2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPS2A331MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UPS2A331MHD Datasheet HTML 1Page - Nichicon corporation UPS2A331MHD Datasheet HTML 2Page - Nichicon corporation UPS2A331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Item
UPS MiniatureSized,LowImpedance,
For Switching Power Supplies
Wide temperature range type, miniature sized.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Radial Lead Type
Specifications
Type numbering system (Example : 25V 470µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
–55 to +105˚C
6.3 to 100V
22 to 15000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
After 1 minute's application of rated voltage at 20°C, leakage current is not more than 0.03CV (µA).
Rated voltage (V)
tan δ (max.)
6.3
0.24
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
100
0.08
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF
Measurement frequency :
120Hz at 20˚C
Measurement frequency : 120Hz
Z(–25˚C) / Z(+20˚C)
Rated voltage (V)
Impedance ratio
(max.)
6.3 · 10
5
16 · 25
4
35 · 50
3
63 · 100
2
3
Z(–40˚C) / Z(+20˚C)
Z(–55˚C) / Z(+20˚C)
The specifications listed at right shall be met when the
capacitors are restored to 20˚C after D.C. bias plus rated ripple
current is applied for 3000 hours (2000 hours for φD= 8 to 10) at
105˚C, the peak voltage shall not exceed the rated voltage.
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
22 to 4700
100 to 220.
330 to 680.
.
1000 to 15000
50Hz
0.30
0.57
0.75
120Hz
0.17
0.50
0.71
0.87
300Hz
0.40
0.65
0.82
0.96
1kHz
0.65
0.80
0.90
0.98
10kHz or more
1.00
1.00
1.00
1.00
U
1
P
2
S
3
1
4
E
5
4
6
7
7
1
8
M
9
P
10
D
11
12
Configuration
Size code
Series name
Type
φd
Pressure
relief vent
φD
P
φd
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
15min.
4min.
(L < 20) 1.5
(L 20) 2.0
Capacitance tolerance (±20%)
Rated capacitance (470
µF)
Rated voltage (25V)
Sleeve (PET)
φ D
Pb-free leadwire
Pb-free PET sleeve
8 · 10
PD
12.5 to 18
HD
Configuration
(mm)
L ±
Leakage current
tan δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
ALUMINUM ELECTROLYTIC CAPACITORS
Dimension table in next page.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
UPS
UPJ
Smaller
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)


Similar Part No. - UPS2A331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPS2A101MDD NICHICON-UPS2A101MDD Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPS2A101MED NICHICON-UPS2A101MED Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPS2A101MHD NICHICON-UPS2A101MHD Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPS2A101MPD NICHICON-UPS2A101MPD Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPS2A101MRD NICHICON-UPS2A101MRD Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPS2A331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com