Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM42H6T Datasheet(PDF) 88 Page - STMicroelectronics

Part # STR910FAM42H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM42H6T Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STR910FAM42H6T Datasheet HTML 84Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 85Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 86Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 87Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 88Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 89Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 90Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 91Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
88/99
tCONV(FT] Fast trigger mode conversion time
(5)
1*16/fADC
µs
fADC = 24 MHz
0.66
µs
TR(FT)
Fast trigger mode throughput rate(6)
fADC = 24 MHz
100
1200
ksps
1.
Guaranteed by design, not tested in production.
2.
Parameters in this table apply to devices with silicon Rev H and higher. Refer to Table 6 for device rev identification in OTP
memory and to Section 8: Device marking.
3.
Value obtained from conversions started by trigger in single mode
4.
All sucessive conversions in continuous and scan modes.
5.
Conversion started by trigger when automatic clock gated mode enabled. Fast trigger mode is available only in devices with
silicon Rev H and higher.
6.
Value obtained from conversions started by fast trigger in single mode
Table 47.
ADC conversion time (silicon Rev H)
Symbol
Parameter(1) (2)
Test
Conditions
Value
Unit
Min
Typ
Max
Table 48.
ADC conversion time (silicon Rev G and lower)
Symbol
Parameter(1) (2)
Test
Conditions
Value
Unit
Min
Typ
Max
tCONV(S] Single mode conversion time
2*16/fADC
3*16/fADC
µs
fADC = 24 MHz
1.33
2
TR(S)
Single mode throughput rate (3)
fADC = 24 MHz
500
ksps
tCONV(C] Continuous mode conversion time
(4)
1*16/fADC
µs
fADC = 24 MHz
0.66
µs
TR(C)
Continuous mode throughput rate
fADC = 24 MHz
1500
ksps
1.
Guaranteed by design, not tested in production.
2.
Parameters in this table apply to devices with silicon Rev G and lower. Refer to Table 6 for device rev identification in OTP
memory and to Section 8: Device marking.
3.
Value obtained on conversions started by trigger in single mode
4.
All sucessive conversions in continuous and scan modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com