Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM42H6T Datasheet(PDF) 97 Page - STMicroelectronics

Part # STR910FAM42H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM42H6T Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STR910FAM42H6T Datasheet HTML 91Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 92Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 93Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 94Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 95Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 96Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 97Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 98Page - STMicroelectronics STR910FAM42H6T Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Ordering information
97/99
Table 51.
Ordering information scheme
STR9
1
2
F
A
W
4
4
X
6
T
Family
ARM9 Microcontroller Family
Series
1 = STR9 Series 1
Feature set
0 = CAN, UART, IrDA, I2C, SSP
1 = USB, CAN, UART, IrDA, I2C, SSP
2 = USB, CAN, UART, IrDA, I2C, SSP, ETHERNET
Memory type
F = Flash
SRAM size
3 = 64K
4 = 96K
Primary Memory Size
2 = 256K
4 = 512K
Package
X = plastic LQFP
H = LFBGA
Temperature Range
6 = -40 to 85°C
Shipping Option
T = Tape & Reel Packing
For a list of available options (e.g. speed, package) or for further information on any aspect of this
device, please contact the ST Sales Office nearest to you.
Example:
No. of pins
M = 80
W = 128
Z = 144
Revision at product level
A = Revison A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com