Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT74MPWREP Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AHCT74MPWREP
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT74MPWREP Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHCT74MPWREP Datasheet HTML 1Page - Texas Instruments SN74AHCT74MPWREP Datasheet HTML 2Page - Texas Instruments SN74AHCT74MPWREP Datasheet HTML 3Page - Texas Instruments SN74AHCT74MPWREP Datasheet HTML 4Page - Texas Instruments SN74AHCT74MPWREP Datasheet HTML 5Page - Texas Instruments SN74AHCT74MPWREP Datasheet HTML 6Page - Texas Instruments SN74AHCT74MPWREP Datasheet HTML 7Page - Texas Instruments SN74AHCT74MPWREP Datasheet HTML 8Page - Texas Instruments SN74AHCT74MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74AHCT74-EP
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
SCLS495– JUNE 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
MIN
MAX
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
PRE or CLR low
5
5
ns
tw
Pulse duration
CLK
5
5
ns
t
Setup time before CLK
↑
Data
5
5
ns
tsu
Setup time before CLK
↑
PRE or CLR inactive
3.5
3.5
ns
th
Hold time, data after CLK
↑
0
0
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
f
CL = 15 pF
100
160
80
MHz
fmax
CL = 50 pF
80
140
65
MHz
tPLH
PRE
CLR
QQ
CL =15 pF
7.6
10.4
1
12
ns
tPHL
PRE or CLR
Q or Q
CL = 15 pF
7.6
10.4
1
12
ns
tPLH
CLK
QQ
CL =15 pF
5.8
7.8
1
9
ns
tPHL
CLK
Q or Q
CL = 15 pF
5.8
7.8
1
9
ns
tPLH
PRE
CLR
QQ
CL =50 pF
8.1
11.4
1
13
ns
tPHL
PRE or CLR
Q or Q
CL = 50 pF
8.1
11.4
1
13
ns
tPLH
CLK
QorQ
CL =50 pF
6.3
8.8
1
10
ns
tPHL
CLK
Q or Q
CL = 50 pF
6.3
8.8
1
10
ns
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
MIN
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
32
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com