Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0800501 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0800501
Description  PMH 2:ZAHLEN - Wire marking tag
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800501 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0800501 Datasheet HTML 1Page - PHOENIX CONTACT 0800501 Datasheet HTML 2Page - PHOENIX CONTACT 0800501 Datasheet HTML 3Page - PHOENIX CONTACT 0800501 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire marking tag, yellow, cable diameter range: 3 ... 6 mm, horizontal: Numbers, mounting type:
slide-on, text field height: 2.6 mm, text field width: 4.2 mm
Commercial data
Item number
0800501
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
NULL
Product key
BG222B
Weight per piece (including packing)
302 g
Weight per piece (excluding packing)
302 g
Customs tariff number
49119900
Country of origin
CZ
PMH 2:ZAHLEN - Wire marking tag
0800501
https://www.phoenixcontact.com/us/products/0800501
Jul 15, 2025, 12:45AM
Page 1 (4)


Similar Part No. - 0800501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800514 PHOENIX-0800514 Datasheet
184Kb / 4P
PMH 2:GROSSBUCHSTABEN - Wire marking tag
0800527 PHOENIX-0800527 Datasheet
184Kb / 4P
PMH 2:SYMBOLE - Wire marking tag
0800530 PHOENIX-0800530 Datasheet
183Kb / 4P
PMH 3:UNBEDRUCKT - Wire marking tag
0800543 PHOENIX-0800543 Datasheet
184Kb / 4P
PMH 3:ZAHLEN - Wire marking tag
0800546 PHOENIX-0800546 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Similar Description - 0800501

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M006RNJ AVX-TAJA106M006RNJ Datasheet
63Kb / 1P
Marking
TAJD476M010RNJ AVX-TAJD476M010RNJ Datasheet
63Kb / 1P
Marking
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
SDR-RD 3M-SDR-RD Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V200WCBX DELTA-PMH-24V200WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
logo
PHOENIX CONTACT
1013575 PHOENIX-1013575 Datasheet
53Kb / 3P
Conductor marking collar - LBHZ 2/WH:UNBEDRUCKT
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com