Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0800501 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0800501
Description  PMH 2:ZAHLEN - Wire marking tag
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800501 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0800501 Datasheet HTML 1Page - PHOENIX CONTACT 0800501 Datasheet HTML 2Page - PHOENIX CONTACT 0800501 Datasheet HTML 3Page - PHOENIX CONTACT 0800501 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Labeled conductor marker
Type
Profile
Marking
Printing direction
horizontal
Printing
Numbers
Mounting
Mounting type
slide-on
Material specifications
Color
yellow (RAL 1018)
Material
Ethylene-vinyl acetate (EVA)
Flammability rating according to UL 94
V0
Components
free from silicone, halogen, and cadmium
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-45 °C ... 70 °C
Ambient temperature (assembly)
> 10 °C
Dimensions
Width
4.2 mm
Height
9.5 mm
Length
6.6 mm
External dimensions
Outside diameter
3 mm ... 6 mm
Text field
Text field width
4.2 mm
Text field height
2.6 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Notes
General
Please specify the required marking with order: Minimum order
per imprint: 1 packing unit
PMH 2:ZAHLEN - Wire marking tag
0800501
https://www.phoenixcontact.com/us/products/0800501
Jul 15, 2025, 12:45AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com