Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85403EVAL2Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL85403EVAL2Z
Description  2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85403EVAL2Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL85403EVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ISL85403
FN8631 Rev.4.00
Page 20 of 24
Sep 28, 2020
Loop Compensation Design -
Buck
The ISL85403 uses constant frequency peak current mode
control architecture to achieve fast loop transient response. An
accurate current sensing pilot device in parallel with the upper
MOSFET is used for peak current control signal and overcurrent
protection. The inductor is not considered a state variable
because its peak current is constant and the system becomes a
single order system. It is much easier to design the compensator
to stabilize the loop compared with voltage mode control. Peak
current mode control has an inherent input voltage feed-forward
function to achieve good line regulation. Figure 32 shows the
small signal model of a buck regulator.
PWM Comparator Gain Fm
The PWM comparator gain, Fm, for peak current mode control is
given by Equation 20:
where Se is the slew rate of the slope compensation and Sn is
given by Equation 21:
where Rt is the gain of the current amplifier.
Current Sampling Transfer Function He(S)
In a current loop, the current signal is sampled every switching
cycle. It has the following transfer function in Equation 22:
where Qn and n are given by
Power Stage Transfer Functions
Transfer function F1(S) from control to output voltage is:
where:,
Transfer function F2(S) from control to inductor current is given
by Equation 24:
where
.
Current loop gain Ti(S) is expressed as Equation 25:
The voltage loop gain with open current loop is expressed in
Equation 26:
The Voltage loop gain with current loop closed is given by
Equation 27:
If Ti(S)>>1, then Equation 27 can be simplified as Equation 28:
Equation 28 shows that the system is a single order system.
Therefore, a simple type II compensator can be easily used to
stabilize the system. A type III compensator is needed to expand
the bandwidth for current mode control in some cases.
A compensator with two zeros and one pole is recommended for
this part, as shown in Figure 33.
d
Vin
d
IL
in
in
i
L
+
1:D
L
i
Co
Rc
-Av(S)
d
comp
v
RT
Fm
He(S)
+
Ti(S)
(S)
o
v
Tv(S)
I
LP
+
1:D
Rc
Ro
-Av(S)
RT
Fm
He(S)
o
T(S)
^
^
V
^
^
^
^
^
^
FIGURE 32. SMALL SIGNAL MODEL OF BUCK REGULATOR
RLP
Fm
dˆ
vˆcomp
-----------------
1
Se Sn
+
T
s
--------------------------------
==
(EQ. 20)
Sn
Rt
Vin Vo
–
LP
---------------------
=
(EQ. 21)
He S
 S
2
n
2
-------
=
S
nQn
--------------- 1
++
(EQ. 22)
Qn
2
---
–
=
n
f
SW
=
FIGURE 33. TYPE III COMPENSATOR
F1 S

vˆo
dˆ
------
Vin
1
S
esr
------------
+
S
2
o
2
-------
S
oQp
--------------- 1
++
---------------------------------------
==
(EQ. 23)
esr
1
RcCo
--------------- Qp Ro
Co
LP
-------
o
1
LPCo
-------------------
=
,
,
=
F2 S

Iˆo
dˆ
----
Vin
Ro RLP
+
-------------------------
1
S
z
------
+
S
2
o
2
-------
S
oQp
--------------- 1
++
---------------------------------------
==
(EQ. 24)
z
1
RoCo
---------------
=
Ti S

RtFmF2 S
H
e S

=
(EQ. 25)
Tv S

KFmF1 S
A
v S

=
(EQ. 26)
Lv S

Tv S

1Ti S

+
------------------------
=
(EQ. 27)
Lv S

Ro RLP
+
Rt
-------------------------
1
S
esr
------------
+
1
S
p
-------
+
----------------------
Av S

He S

----------------
p
1
RoCo
---------------
,
=
(EQ. 28)
R2
C1
R1
RBIAS
R3
C3
VO
VCOMP
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com