Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85403EVAL2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL85403EVAL2Z
Description  2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85403EVAL2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL85403EVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 24Page - Renesas Technology Corp ISL85403EVAL2Z Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ISL85403
FN8631 Rev.4.00
Page 21 of 24
Sep 28, 2020
Its transfer function is expressed as Equation 29:
where:
Compensator design goal:
Loop bandwidth fc:
Gain margin: >10dB
Phase margin: 45°
The compensator design procedure is as follows:
1. Position
CZ2 and CP to derive R
3 and C3.
Put the compensator zero
CZ2 at (1 to 3)/(R
oCo)
Put the compensator pole
CP at ESR zero or 0.35 to 0.5
times of switching frequency, whichever is lower. In an
all-ceramic-cap design, the ESR zero is normally higher than
half of the switching frequency. R3 and C3 can be derived as
follows:
Case A: ESR zero
less than (0.35 to 0.5)fSW
Case B: ESR zero
larger than (0.35 to 0.5)fSW
2. Derive R2 and C1.
The loop gain Lv(S) at crossover frequency of fc has unity
gain. Therefore, C1 is determined by Equation 35.
The compensator zero
CZ1 can boost the phase margin and
bandwidth. To put
CZ1 at two times of crossover frequency
fc is a good starting point. It can be adjusted according to the
specific design. R1 can be derived from Equation 36.
Example: VIN = 12V, Vo = 5V, Io = 2A, fSW = 500kHz,
Co = 60µF/3mΩ, L = 10µH, Rt = 0.20V/A, fc = 50kHz,
R1 = 105k, RBIAS =20kΩ.
Select the crossover frequency to be 35kHz. Because the
output capacitors are all ceramic, use Equations 33 and 34
to derive R3 to be 20k and C3 to be 470pF.
Then use Equations 35 and 36 to calculate C1 to be 180pF
and R2 to be 12.7k. Select 150pF for C1 and 15k for R2.
There is approximately 30pF parasitic capacitance between
COMP to FB pins that contributes to a high frequency pole. Any
extra external capacitor is not recommended between COMP and
FB.
Figure 34 shows the simulated Bode plot of the loop. It has
26kHz loop bandwidth with 70° phase margin and -28 dB gain
margin.
Note in applications where the PFM mode is required especially
when type III compensation network is used, the value of the
capacitor between the COMP pin and the FB pin (not the
capacitor in series with the resistor between COMP and FB)
should be minimal to reduce the noise coupling for proper PFM
operation. No external capacitor between COMP and FB is
recommended for PFM applications.
In PFM mode operations, an RC filter from FB to ground (R in
series with C, connecting from FB to ground) can help reduce the
noise effects injected to FB pin. The recommended values for the
filter are 499Ω to 1k for the R and 470pF for the C.
Av S

vˆcomp
vˆO
-----------------
1
SR1C1
-------------------
1
S
cz1
-------------
+

 1
S
cz2
-------------
+


1
S
cp
----------
+


---------------------------------------------------------
=
=
(EQ. 29)
cz1
1
R2C1
---------------
cz2
1
R1 R3
+
C
3
----------------------------------
=
cp
1
R3C3
---------------
=
,
=
1
4
---to 1
10
------

 f
SW
cz2
3
RoCo
---------------
=
(EQ. 30)
1
2
R
cCo
----------------------
C3
RoCo 3RcCo
–
3R1
----------------------------------------
=
(EQ. 31)
R3
3RcR1
Ro 3Rc
–
------------------------
=
(EQ. 32)
1
2
R
cCo
----------------------
C3
0.33RoCofSW 0.46
–
fSWR1
--------------------------------------------------------
=
(EQ. 33)
R3
R1
0.73RoCofs 1
–
-----------------------------------------
=
(EQ. 34)
C1
R1 R3
+
C
3
2
f
cRtR1Co
----------------------------------
=
(EQ. 35)
R2
1
4
f
cC1
--------------------
=
(EQ. 36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com