Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UYA2A331M Datasheet(PDF) 1 Page - Nichicon corporation

Part # UYA2A331M
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UYA2A331M Datasheet(HTML) 1 Page - Nichicon corporation

  UYA2A331M Datasheet HTML 1Page - Nichicon corporation UYA2A331M Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UYAChipType,LongLifeAssurance
Chip type, Extended load life of 5000hours at +125°C.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.
Specifications
U
1
Y
2
A
3
1
4
J
5
2
6
4
7
1
8
M
9
N
10
J
11
1
12
M
13
S
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (240µF)
Rated voltage (63V)
Series name
Type
Voltage
Series
Capacitance
Lot No.
L±1.0
C±0.2
H
Plastic platform
Pressure
relief vent
0.3 max.
Positive
Negative
Negative
Positive
H
C±0.2
Plastic platform
Pressure relief vent
0.3 max
L±1.0
Aid electrode
(φ12.5 to φ18)
Vibration Resistance
(φ12.5 to φ18)
Standard
Configuration
Standard
Code
N J
NS
Vibration
Resistance
Voltage
Series
Capacitance
Lot No.
Chip Type
Type numbering system (Example : 63V 240µF)
UYA
UCZ
Long Life
Higher Capacitance
Frequency coefficient of rated ripple current
Frequency
50Hz
120Hz
300Hz
1kHz 10kHz or more
Coefficient
0.35
0.50
0.64
0.83
1.00
Black print on the case top.
Marking
Performance Characteristics
Item
Category Temperature Range
–40 to +125°C
Rated Voltage Range
Rated Capacitance Range
90 to 880µF
± 20% at 120Hz, 20°C
Capacitance Tolerance
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 5000 hours at 125°C.
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
63
3
80
3
100
3
Rated voltage (V)
tan δ (max.)
63
0.12
80
0.12
100
0.1
Measurement frequency : 120Hz at 20°C
Capacitance change
Leakage current
tan δ
Within ±30% of the initial capacitance value
Less than or equal to the initial specified value
300% or less than the intial specified value
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
The capacitors are kept on a hot plate for 30 seconds,
which is maintained at 250°C. The capacitors shall meet
the characteristic requirements listed at right when they
are removed from the plate and restored to 20°C.
After storing the capacitors under no load at 125°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Capacitance change
Leakage current
tan δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value
Shelf Life
Resistance to soldering
heat
After 2 minutes' application of rated voltage at 20°C, leakage current is not more than 0.01CV or 3(µA),whichever is greater.
63 to 100V
ALUMINUM ELECTROLYTIC CAPACITORS
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
Dimension table in next page.
Standard
(mm)
φD×L 12.5×13.5 16×16.5 16×21.5 18×16.5 18×21.5
A
5.15
5.65
5.65
6.65
6.65
B
13.6
17.1
17.1
19.1
19.1
C
13.6
17.1
17.1
19.1
19.1
E
(3.3)
(5.8)
(5.8)
(5.8)
(5.8)
L
13.5
16.5
21.5
16.5
21.5
H
1.0 to1.4 1.0 to1.4 1.0 to1.4 1.0 to1.4 1.0 to1.4
(mm)
φD×L φ12.5
φ16
φ18
A
4.8
5.4
6.4
B
13.6
17.1
19.1
C
13.6
17.1
19.1
E
(4.0)
(6.3)
(6.3)
L
13.5 16.5,21.5 16.5,21.5
H
1.0 to1.4 1.0 to1.4 1.0 to1.4
Vibration Resistance
CAT.8100N


Similar Description - UYA2A331M

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com