Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UYA2A331M Datasheet(PDF) 2 Page - Nichicon corporation

Part # UYA2A331M
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UYA2A331M Datasheet(HTML) 2 Page - Nichicon corporation

  UYA2A331M Datasheet HTML 1Page - Nichicon corporation UYA2A331M Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(125℃/100kHz)
Part Number
(
at 20℃ after
2 minutes
)
63
(1J)
240
12.5×13.5
0.12
151.2
650
UYA1J241M□□1MS
430
16×16.5
0.12
270.9
930
UYA1J431M□□1MS
560
18×16.5
0.12
352.8
1000
UYA1J561M□□1MS
660
16×21.5
0.12
415.8
1500
UYA1J661M□□1MS
880
18×21.5
0.12
554.4
1600
UYA1J881M□□1MS
80
(1K)
160
12.5×13.5
0.12
128
650
UYA1K161M□□1MS
270
16×16.5
0.12
216
930
UYA1K271M□□1MS
360
18×16.5
0.12
288
1000
UYA1K361M□□1MS
430
16×21.5
0.12
344
1500
UYA1K431M□□1MS
560
18×21.5
0.12
448
1600
UYA1K561M□□1MS
100
(2A)
90
12.5×13.5
0.10
90
650
UYA2A900M□□1MS
160
16×16.5
0.10
160
930
UYA2A161M□□1MS
200
18×16.5
0.10
200
1000
UYA2A201M□□1MS
240
16×21.5
0.10
240
1500
UYA2A241M□□1MS
330
18×21.5
0.10
330
1600
UYA2A331M□□1MS
UYA
■
Dimensions
ALUMINUM ELECTROLYTIC CAPACITORS
□□ : Enter the appropriate configuration code.
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com