Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTP04-2P Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # DTP04-2P
Description  DT Series Technical Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTP04-2P Datasheet(HTML) 5 Page - TE Connectivity Ltd

  DTP04-2P Datasheet HTML 1Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 2Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 3Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 4Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 5Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 6Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 7Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 8Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DT Series Technical Manual
Plug/Receptacle
Shell:
Thermoplastic
Wedge:
Thermoplastic
Grommet:
Silicone Rubber
Contacts
Pin:
Copper Alloy
Socket:
Copper Alloy
Finish:
Nickel (optional - gold) Plated
Sealing Plugs
Thermoplastic: (All sizes)
Dielectric Withstanding Voltage
Current leakage less than 2 milliamps at 1500 VAC
Insulation Resistance:
1000 megohms minimum at 250 C.
Current Rating (Contact current rating @ 1250 C (continuous)
Size 20: 7.5 amps
Size 16: 13 amps
Size 12: 25 amps
Size 8: 60 amps
Size 4: 100 amps
Submersion:
Properly wired and mated connection will withstand immersion under
three feet of water without loss of electronic qualities or leakage.
Fluid Resistance:
Connectors show no damage when exposed to most fluids used in
industrial applications.
Vibration:
No unlocking or unmating and exhibits no mechanical or physical
damage after sinusoidal vibration levels of 20 G’s at 10 to 2000
Hz in each of the three mutually perpendicular planes. No electrical
discontinuities longer than 1 microsecond.
Temperature:
Operative at temperatures from -550C to +1250C. Continuous at rated
current.
Contact Retention:
Contacts withstand a minimum load of:
20 lbs (89N) for size 20
25 lbs (111N) for size 16
30 lbs (133N) for size 12
35 lbs (156N) for size 8
35 lbs (156N) for size 4
MATERIAL SPECIFICATIONS
GENERAL SPECIFICATIONS
Thermal Cycle:
No cracking, chipping or leaking after 20 test cycles from
-550C to +1250C.
Durability:
No electrical or mechanical defects after 100 cycles of
engagement and disengagement.
CONTACT RESISTANCE
CONTACT
SIZE
WIRE GAUGE
AWG(mm2)
Test Current
(Amps)
Resistance (mV)
Solids
Resistance (mV)
Stamped & Formed
18 (.80)
16 (1.0)
20 (.50)
16 (1.0)
20
7.5
60
100
13
60
100
13
60
100
7.5
60
100
7.5
60
100
10
60
100
16
20 (.50)
14 (2.0)
18 (.80)
7.5
60
100
14 (2.0)
12 (3.0)
12
18
60
100
25
60
100
8
4
8 (8.60)
10 (5.60)
60
N/A
60
N/A
6 (13.0)
60
N/A
60
60
100
CONTACT SIZE
N-SEAL
#20
#16
#12
#8
#4
E-SEAL
.280-.292
(7.11-7.42)
.134-.170
(3.40-4.32)
N/A
.190-.240
(4.83-6.10)
N/A
.097-.158
(2.46-4.01)
.088-.145
(2.24-3.68)
.053-.120
(1.35-3.05)
.053-.120
(1.35-3.05)
N/A
RECOMMENDED WIRE INSULATION O.D.
WIRE SEALING RANGE
5
A STEP AHEAD
DT Series Manual #50907.indd 5
7/31/2008 5:14:35 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com