| Electronic Components Datasheet Search |
|
DTP04-2P Datasheet(PDF) 6 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
DTP04-2P Datasheet(HTML) 6 Page - TE Connectivity Ltd |
|
6 / 16 page ![]() DT Series Technical Manual PART NUMBERING SYSTEM (DTHD) DTHD 06 - 1 - 4 S - **** Series Prefix 04 = Receptacle 06 = Plug Single Terminal Contact Size 4 = Size 4 8 = Size 8 12 = Size 12 Contact Style P = Pin Receptacle Only S = Socket Plug Only Special Modifications PART NUMBERING SYSTEM (DTM) DTM 06 - 2 S * - **** Series Prefix 04 = Receptacle 06 = Plug Number of Contacts Special Modifications Polarizing Position (If Applicable) 08 + 12 Only Contact Type P = Pin Receptacle Only S = Socket Plug Only PART NUMBERING SYSTEM (DT & DT Bussed) DT 06 - 2 S * - **** Series Prefix 04 = Receptacle 06 = Plug Number of Contacts Special Modifications Polarizing Position (If Applicable) Contact Type P = Pin Receptacle Only S = Socket Plug Only PART NUMBERING SYSTEM (DTP) DTP 06 - 2 S * - **** Series Prefix 04 = Receptacle 06 = Plug Number of Contacts Special Modifications Polarizing Position (If Applicable) Contact Type P = Pin Receptacle Only S = Socket Plug Only 6 A STEP AHEAD DT Series Manual #50907.indd 6 7/31/2008 5:14:35 PM |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |