Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AXC2T245 Datasheet(PDF) 22 Page - Texas Instruments

Part # SN74AXC2T245
Description  SN74AXC2T245-Q1 Automotive 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T245 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN74AXC2T245 Datasheet HTML 18Page - Texas Instruments SN74AXC2T245 Datasheet HTML 19Page - Texas Instruments SN74AXC2T245 Datasheet HTML 20Page - Texas Instruments SN74AXC2T245 Datasheet HTML 21Page - Texas Instruments SN74AXC2T245 Datasheet HTML 22Page - Texas Instruments SN74AXC2T245 Datasheet HTML 23Page - Texas Instruments SN74AXC2T245 Datasheet HTML 24Page - Texas Instruments SN74AXC2T245 Datasheet HTML 25Page - Texas Instruments SN74AXC2T245 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
SN74AXC2T245-Q1
SCES908A – FEBRUARY 2020 – REVISED APRIL 2020
www.ti.com
Product Folder Links: SN74AXC2T245-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 3.
Table 3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUES
Input voltage range
0.65 V to 3.6 V
Output voltage range
0.65 V to 3.6 V
9.2.2 Detailed Design Procedure
To begin the design process, determine the following:
•
Input voltage range
–
Use the supply voltage of the device that is driving the SN74AXC2T245-Q1 device to determine the input
voltage range. For a valid logic high, the value must exceed the high-level input voltage (VIH) of the input
port. For a valid logic low the value must be less than the low-level input voltage (VIL) of the input port.
•
Output voltage range
–
Use the supply voltage of the device being driven by the SN74AXC2T245-Q1 determine the output
voltage range of the SN74AXC2T245-Q1.
9.2.3 Application Curve
Figure 7. Up Translation at 2.5 MHz (0.7 V to 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com