Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ18A Datasheet(PDF) 4 Page - ON Semiconductor

Part # SMBJ18A
Description  600 Watt Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMBJ18A Datasheet(HTML) 4 Page - ON Semiconductor

  SMBJ18A Datasheet HTML 1Page - ON Semiconductor SMBJ18A Datasheet HTML 2Page - ON Semiconductor SMBJ18A Datasheet HTML 3Page - ON Semiconductor SMBJ18A Datasheet HTML 4Page - ON Semiconductor SMBJ18A Datasheet HTML 5Page - ON Semiconductor SMBJ18A Datasheet HTML 6Page - ON Semiconductor SMBJ18A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SMBJ5V0(C)A - SMBJ170(C)A Rev. 1.1.1
3
Electrical Characteristics (Continued)
Values are at TA = 25°C unless otherwise noted.
Notes:
2. Color band denotes cathode on unidirectional devices only. No color band on bidirectional devices.
3. For bidirectional parts with VRWM < 10 V, the IR max limit is doubled.
Uni-Directional
Bi-Directional (C)
Device
Part
Marking(2)
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage
VBR (V)
Test
Current
IT (mA)
Clamping
Voltage
at IPPM
VC (V)
Peak Pulse
Current
IPPM (A)
Reverse
Leakage
at VRWM
IR (μA)
(3)
Min.
Max.
SMBJ85(C)A
NV
85
94.4
104.0
1
137.0
4.4
5
SMBJ90(C)A
NX
90
100.0
111.0
1
146.0
4.1
5
SMBJ100(C)A
NZ
100
111.0
123.0
1
162.0
3.7
5
SMBJ110(C)A
PE
110
122.0
135.0
1
177.0
3.4
5
SMBJ120(C)A
PG
120
133.0
147.0
1
193.0
3.1
5
SMBJ130(C)A
PK
130
144.0
159.0
1
209.0
2.9
5
SMBJ150(C)A
PM
150
167.0
185.0
1
243.0
2.5
5
SMBJ160(C)A
PP
160
178.0
197.0
1
259.0
2.3
5
SMBJ170(C)A
PR
170
189.0
209.0
1
275.0
2.2
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com