Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ18A Datasheet(PDF) 5 Page - ON Semiconductor

Part # SMBJ18A
Description  600 Watt Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMBJ18A Datasheet(HTML) 5 Page - ON Semiconductor

  SMBJ18A Datasheet HTML 1Page - ON Semiconductor SMBJ18A Datasheet HTML 2Page - ON Semiconductor SMBJ18A Datasheet HTML 3Page - ON Semiconductor SMBJ18A Datasheet HTML 4Page - ON Semiconductor SMBJ18A Datasheet HTML 5Page - ON Semiconductor SMBJ18A Datasheet HTML 6Page - ON Semiconductor SMBJ18A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SMBJ5V0(C)A - SMBJ170(C)A Rev. 1.1.1
4
Typical Performance Characteristics
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
Figure 3. Pulse Waveform
Figure 4. Junction Capacitance
Figure 5. Non-Repetitive Surge Current
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
PULSE WIDTH (ms)
T = 25 C
º
A
0
25
50
75
100
125
150
175
200
0
25
50
75
100
AMBIENT TEMPERATURE ( C)
º
01234
0
50
100
150
TIME (ms)
T = 25 C
º
A
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
10/1000
μμμμsec Waveform
as Defined by R.E.A.
tf = 10
μμμμsec
e-kt
Peak Value
Ippm
Half Value-Ipp
2
td
1
5
10
50
100 200
10
20
50
100
200
500
1000
2000
4000
6000
REVERSE VOLTAGE (V)
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage (V
)
RWM
12
5
10
20
50
100
10
20
50
100
200
NUMBER OF CYCLES AT 60Hz
T = T max
8.3ms Single Half Sine-Wave
JEDEC Method
A
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com