Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3500 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH3500
Description  Silicon NPN Phototransistor in SMR짰 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3500 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH3500 Datasheet HTML 1Page - OSRAM GmbH SFH3500 Datasheet HTML 2Page - OSRAM GmbH SFH3500 Datasheet HTML 3Page - OSRAM GmbH SFH3500 Datasheet HTML 4Page - OSRAM GmbH SFH3500 Datasheet HTML 5Page - OSRAM GmbH SFH3500 Datasheet HTML 6Page - OSRAM GmbH SFH3500 Datasheet HTML 7Page - OSRAM GmbH SFH3500 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 3500
NPN-Silizium-Fototransistor in SMR® Gehäuse
Silicon NPN Phototransistor in SMR® Package
Lead (Pb) Free Product - RoHS Compliant
2007-04-03
1
Wesentliche Merkmale
• Spektraler Bereich der Fotoempfindlichkeit:
450 nm ...1060 nm
• Gehäuse: SMR® (Surface Mount Radial), Harz
• Besonderheit des Bauteils:
hohe Fotoempfindlichkeit
• Gehäusegleich: IRED SFH 4500, SFH 4515
Anwendungen
• Fertigungs- und Kontrollanwendungen der
Industrie
• „Messen/Steuern/Regeln“
• Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
Fotostrom , E
e= 0.5 mW/cm
2,
λ = 950 nm, V
CE = 5 V
Photocurrent
I
PCE (mA)
SFH 3500
Q65110A2636
4.0...20.0
Features
• Spectral Range of Sensitivity:
• 450 nm ...1060 nm
• Package: SMR® (Surface Mount Radial), Epoxy
• Feature of the device:
high photosensitivity
• Package Match: IR emitter SFH 4500,SFH 4515
Applications
• A variety of manufacturing and monitoring
applications
• For control and drive circuits
• Photointerrupters


Similar Part No. - SFH3500

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH350 SIEMENS-SFH350 Datasheet
74Kb / 2P
WITH IR FILTER PLASTIC FIBER OPTIC PHOTOTRANSISTOR DETECTOR
logo
Infineon Technologies A...
SFH350 INFINEON-SFH350 Datasheet
285Kb / 7P
Plastic Fiber Optic Phototransistor Detector Plastic Connector Housing
2004-03-19
logo
AVAGO TECHNOLOGIES LIMI...
SFH350 AVAGO-SFH350 Datasheet
402Kb / 6P
Auto insertable and Wave solderable
logo
Siemens Semiconductor G...
SFH350F SIEMENS-SFH350F Datasheet
74Kb / 2P
WITH IR FILTER PLASTIC FIBER OPTIC PHOTOTRANSISTOR DETECTOR
logo
Infineon Technologies A...
SFH350V INFINEON-SFH350V Datasheet
285Kb / 7P
Plastic Fiber Optic Phototransistor Detector Plastic Connector Housing
2004-03-19
More results

Similar Description - SFH3500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6620 AVAGO-ASDL-6620 Datasheet
184Kb / 4P
Silicon NPN Phototransistor in T-1 Package
logo
OSRAM GmbH
SFH325 OSRAM-SFH325_01 Datasheet
86Kb / 7P
Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH-2500-FA OSRAM-SFH-2500-FA Datasheet
368Kb / 12P
Silicon PIN Photodiode in SMR짰 Package
SFH-2505-FA OSRAM-SFH-2505-FA Datasheet
382Kb / 12P
Silicon PIN Photodiode in SMR짰 Package
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
Silicon NPN Phototransistor in SMT Package
SFH-3600 OSRAM-SFH-3600 Datasheet
436Kb / 13P
Silicon NPN Phototransistor in MIDLED package
SFH-3605 OSRAM-SFH-3605 Datasheet
429Kb / 13P
Silicon NPN Phototransistor in MIDLED package
SFH-320-FA OSRAM-SFH-320-FA Datasheet
406Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-3500 OSRAM-SFH-3500 Datasheet
277Kb / 12P
Silicon NPN Phototransistor in SMR짰 Package
logo
ams AG
SFH3605 AMSCO-SFH3605 Datasheet
1Mb / 20P
Silicon NPN Phototransistor in MIDLED package
Version 1.5 2023-06-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com