Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3500 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH3500
Description  Silicon NPN Phototransistor in SMR짰 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3500 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH3500 Datasheet HTML 1Page - OSRAM GmbH SFH3500 Datasheet HTML 2Page - OSRAM GmbH SFH3500 Datasheet HTML 3Page - OSRAM GmbH SFH3500 Datasheet HTML 4Page - OSRAM GmbH SFH3500 Datasheet HTML 5Page - OSRAM GmbH SFH3500 Datasheet HTML 6Page - OSRAM GmbH SFH3500 Datasheet HTML 7Page - OSRAM GmbH SFH3500 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2007-04-03
4
SFH 3500
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen Ziffern
gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished by
arabian figures.
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
-4
-5
-6
Fotostrom
Photocurrent
E
e= 0.5 mW/cm
2,
λ = 950 nm, V
CE = 5 V
I
PCE
4.0
… 8.0
6.3
… 12.5
10.0
… 20.0
mA
Anstiegszeit/Abfallzeit
Rise and fall time
R
L = 1 kΩ, VCC = 5 V,
λ = 950 nm, I
C = 1 mA
t
r, tf
17
20
24
μs
Kollektor-Emitter-
Sättigungsspannug
Collector-emitter saturation voltage
I
C = IPCEmin
1)
× 0.3,
E
e = 0.5 mW/cm
2
V
CEsat
150
(< 200)
150
(< 200)
150
(< 200)
mV
1)
I
PCEmin ist der minimale Fotostrom der jeweiligen Gruppe.
1)
I
PCEmin is the min. photocurrent of the specified group.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com