Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS596 Datasheet(PDF) 15 Page - Texas Instruments

Part # SN74HCS596
Description  SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS596 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74HCS596 Datasheet HTML 11Page - Texas Instruments SN74HCS596 Datasheet HTML 12Page - Texas Instruments SN74HCS596 Datasheet HTML 13Page - Texas Instruments SN74HCS596 Datasheet HTML 14Page - Texas Instruments SN74HCS596 Datasheet HTML 15Page - Texas Instruments SN74HCS596 Datasheet HTML 16Page - Texas Instruments SN74HCS596 Datasheet HTML 17Page - Texas Instruments SN74HCS596 Datasheet HTML 18Page - Texas Instruments SN74HCS596 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
SN74HCS596-Q1
www.ti.com
SCLS805 – JUNE 2020
Product Folder Links: SN74HCS596-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
CAUTION
The maximum junction temperature, TJ(max) listed in the Absolute Maximum Ratings,
is an additional limitation to prevent damage to the device. Do not violate any values
listed in the Absolute Maximum Ratings. These limits are provided to prevent damage
to the device.
9.2.1.2 Input Considerations
Input signals must cross Vt-(min) to be considered a logic LOW, and Vt+(max) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. These can be directly terminated if the input is
completely unused, or they can be connected with a pull-up or pull-down resistor if the input is to be used
sometimes, but not always. A pull-up resistor is used for a default state of HIGH, and a pull-down resistor is used
for a default state of LOW. The resistor size is limited by drive current of the controller, leakage current into the
SN74HCS596-Q1, as specified in the Electrical Characteristics, and the desired input transition rate. A 10-kΩ
resistor value is often used due to these factors.
The SN74HCS596-Q1 has no input signal transition rate requirements because it has Schmitt-trigger inputs.
Another benefit to having Schmitt-trigger inputs is the ability to reject noise. Noise with a large enough amplitude
can still cause issues. To know how much noise is too much, please refer to the ΔVT(min) in the Electrical
Characteristics. This hysteresis value will provide the peak-to-peak limit.
Unlike what happens with standard CMOS inputs, Schmitt-trigger inputs can be held at any valid value without
causing huge increases in power consumption. The typical additional current caused by holding an input at a
value other than VCC or ground is plotted in the Typical Characteristics.
Refer to the Feature Description for additional information regarding the inputs for this device.
9.2.1.3 Output Considerations
The ground voltage is used to produce the output LOW voltage. Sinking current into the output will increase the
output voltage as specified by the VOL specification in the Electrical Characteristics.
Open-drain outputs can be directly connected together to produce a wired-AND. This is possible because the
outputs cannot source current, and thus can never be in bus-contention.
Unused outputs can be left floating.
Refer to Feature Description for additional information regarding the outputs for this device.
9.2.1.4 Timing Considerations
The SN74HCS596-Q1 is a clocked device. As such, it requires special timing considerations to ensure normal
operation.
Primary timing factors to consider:
•
Maximum clock frequency: the maximum operating clock frequency defined in Timing Characteristics is the
maximum frequency at which the device is guaranteed to function. This value refers specifically to the
triggering waveform, measuring from one trigger level to the next.
•
Pulse duration: ensure that the triggering event duration is larger than the minimum pulse duration, as defined
in the Timing Characteristics.
•
Setup time: ensure that the data has changed at least one setup time prior to the triggering event, as defined
in the Timing Characteristics.
•
Hold time: ensure that the data remains in the desired state at least one hold time after the triggering event,
as defined in the Timing Characteristics.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com