Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS596 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HCS596
Description  SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS596 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HCS596 Datasheet HTML 6Page - Texas Instruments SN74HCS596 Datasheet HTML 7Page - Texas Instruments SN74HCS596 Datasheet HTML 8Page - Texas Instruments SN74HCS596 Datasheet HTML 9Page - Texas Instruments SN74HCS596 Datasheet HTML 10Page - Texas Instruments SN74HCS596 Datasheet HTML 11Page - Texas Instruments SN74HCS596 Datasheet HTML 12Page - Texas Instruments SN74HCS596 Datasheet HTML 13Page - Texas Instruments SN74HCS596 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
RCL K
OE
SRCLR
SRCLK
SER
13
12
10
11
14
D
R
15
1
QA
QB
QC
Q
D
R
Q
D
Q
D
Q
2
QD
3
QE
4
QF
5
QG
6
D
R
7
9
QH¶
Q
D
Q
QH
10
SN74HCS596-Q1
SCLS805 – JUNE 2020
www.ti.com
Product Folder Links: SN74HCS596-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
Figure 10 describes the SN74HCS596-Q1, an 8-bit shift register that feeds an 8-bit D-type storage register. Both
the shift register clock (SRCLK) and storage register clock (RCLK) are positive-edge triggered. If both clocks are
connected together, the shift register always is one clock pulse ahead of the storage register. All inputs include
Schmitt-triggers allowing for slow input transitions and providing more noise margin. Outputs QA through QH are
open-drain which require a pull-up resistor to output a High. The serial output QH’ is push-pull.
8.2 Functional Block Diagram
Figure 10. Logic Diagram (Positive Logic) for SN74HCS596-Q1
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
A balanced output allows the device to sink and source similar currents. The drive capability of this device may
create fast edges into light loads so routing and load conditions should be considered to prevent ringing.
Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without
being damaged. It is important for the output power of the device to be limited to avoid damage due to over-
current. The electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all times.
The SN74HCS596-Q1 can drive a load with a total capacitance less than or equal to the maximum load listed in
the Switching Characteristics connected to a high-impedance CMOS input while still meeting all of the datasheet
specifications. Larger capacitive loads can be applied, however it is not recommended to exceed the provided
load value. If larger capacitive loads are required, it is recommended to add a series resistor between the output
and the capacitor to limit output current to the values given in the Absolute Maximum Ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com