Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCU7204PS Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HCU7204PS
Description  DUAL INVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCU7204PS Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCU7204PS Datasheet HTML 1Page - Texas Instruments SN74HCU7204PS Datasheet HTML 2Page - Texas Instruments SN74HCU7204PS Datasheet HTML 3Page - Texas Instruments SN74HCU7204PS Datasheet HTML 4Page - Texas Instruments SN74HCU7204PS Datasheet HTML 5Page - Texas Instruments SN74HCU7204PS Datasheet HTML 6Page - Texas Instruments SN74HCU7204PS Datasheet HTML 7Page - Texas Instruments SN74HCU7204PS Datasheet HTML 8Page - Texas Instruments SN74HCU7204PS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Operating Characteristics
SN74HCU7204
DUAL INVERTERS
SCLS700 – MAY 2006
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
MIN
TYP
MAX
2 V
1.8
1.8
IOH = –20 µA
4.5 V
4
4
VOH
VI = VCC or GND
6 V
5.5
5.5
V
IOH = –4 mA
4.5 V
3.86
3.76
IOH = –5.2 mA
6 V
5.36
5.26
2 V
0.2
0.2
IOL = 20 µA
4.5 V
0.5
0.5
VOL
VI = VCC or GND
6 V
0.5
0.5
V
IOL = 4 mA
4.5 V
0.32
0.37
IOL = 5.2 mA
6 V
0.32
0.37
II
VI = VCC or 0
6 V
±100
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
20
µA
Ci
2 V to 6 V
3
10
10
pF
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
PARAMETER
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
2 V
40
80
100
tpd
A
Y
4.5 V
8
16
20
ns
6 V
7
14
17
2 V
38
75
95
tr/tf
Y
4.5 V
8
15
19
ns
6 V
6
13
16
T
A = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com