Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCU7204PS Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCU7204PS
Description  DUAL INVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCU7204PS Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCU7204PS Datasheet HTML 1Page - Texas Instruments SN74HCU7204PS Datasheet HTML 2Page - Texas Instruments SN74HCU7204PS Datasheet HTML 3Page - Texas Instruments SN74HCU7204PS Datasheet HTML 4Page - Texas Instruments SN74HCU7204PS Datasheet HTML 5Page - Texas Instruments SN74HCU7204PS Datasheet HTML 6Page - Texas Instruments SN74HCU7204PS Datasheet HTML 7Page - Texas Instruments SN74HCU7204PS Datasheet HTML 8Page - Texas Instruments SN74HCU7204PS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
3
2
4
5
1
V
CC
2A
1A
GND
1Y
2Y
NC
6
7
8
PS OR PW PACKAGE
(TOP VIEW)
NC
DESCRIPTION/ORDERING INFORMATION
A
Y
SN74HCU7204
DUAL INVERTERS
SCLS700 – MAY 2006
•
Wide Operating Voltage Range of 2 V to 6 V
•
Outputs Can Drive up to 10 LSTTL Loads
•
Low Power Consumption, 20-
µA Max I
CC
•
Typical t
pd = 7 ns
•
±4-mA Output Drive at 5 V
•
Low Input Current of 1
µA Max
•
Unbuffered Outputs
The SN74HCU7204 contains two independent unbuffered inverters. The device performs the Boolean function
Y = A in positive logic.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SN74HCU7204PS
SOP – PS
HU7204
Reel of 2000
SN74HCU7204PSR
–40
°C to 85°C
Tube of 90
SN74HCU7204PW
TSSOP – PW
Reel of 2000
SN74HCU7204PWR
HU7204
Reel of 250
SN74HCU7204PWT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH INVERTER)
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74HCU7204PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCU7204PW TI1-SN74HCU7204PW Datasheet
164Kb / 9P
DUAL INVERTERS
SN74HCU7204PWE4 TI1-SN74HCU7204PWE4 Datasheet
164Kb / 9P
DUAL INVERTERS
SN74HCU7204PWG4 TI1-SN74HCU7204PWG4 Datasheet
164Kb / 9P
DUAL INVERTERS
SN74HCU7204PWT TI1-SN74HCU7204PWT Datasheet
164Kb / 9P
DUAL INVERTERS
SN74HCU7204PWTE4 TI1-SN74HCU7204PWTE4 Datasheet
164Kb / 9P
DUAL INVERTERS
More results

Similar Description - SN74HCU7204PS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
2 INVERTERS
logo
Renesas Technology Corp
HD74LV2G04A RENESAS-HD74LV2G04A Datasheet
85Kb / 9P
Triple Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
SN74HCU7204 TI1-SN74HCU7204 Datasheet
164Kb / 9P
DUAL INVERTERS
logo
Diodes Incorporated
74AUP2G14 DIODES-74AUP2G14 Datasheet
427Kb / 12P
DUAL SCHMITT TRIGGER INVERTERS
Rev 4
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
DUAL INVERTERS
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com