Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5744P Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 27Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Bill of Materials
KTMPC5744DBUG Rev. 1.0 2/2015
Freescale Semiconductor, Inc.
23
7
Bill of Materials
Table 10. Bill of Materials (1)
Item
Qty
Schematic Label
Value
Description
Part Number
Assy
Opt
Active Components
1
1
U1
IC BUF QUAD TS 1.2 V - 3.6 V SO14
74LVC125AD
2
1
MCU1
IC MCU 32 BIT 2.5 MB FLASH 384 KB
SRAM 3.3 V LQFP144
PPC5744PFK0AMLQ8
Resistors
3
3
R1, R2, R10
10 K
RES MF 10 K 1/10 W 5% 0603
RK73B1JTTD103J
4
6
R3, R4, R5, R6, R7, R8
0.5
RES MF 0.50
 1/8 W 1% 0805
RL0805FR-070R5L
51
R9
0
RES MF 0
 1/10 W 1% 0603
MC0603SAF0000T5E
6
1
R11
390
RES MF 390
 1/10 W 5% 0603
RK73B1JTTD391J
7
2
R12, R13
4.70 K
RES MF 4.7 K 1/4 W 1% AEC-Q200
0603
CRCW06034K70FKEAHP
8
2
R14, R15
560 K
RES MF 560 K 1/10 W 5% 0603
RK73B1JTTD561J
91
R16
0
RES MF 0
 1/10 W 1% 0603
MC0603SAF0000T5E
(2)
Capacitors
10
6
C1, C2, C3, C4, C5, C7
4.7 uF
CAP CER 4.7 uF 25 V 10% X5R 0603
GRM188R61E475KE11D
11
4
C6, C8, C9, C13
10 uF
CAP CER 10 uF 25 V 20% X5R 0603
GRM188R61E106MA73D
12
10
C10, C12, C16, C18, C20,
C21, C22, C27, C30, C39
0.1 uF
CAP CER 0.1 uF 50 V 10% X7R 0603
GRM188R71H104KA93D
13
9
C11, C14, C15, C17, C19,
C23, C28, C29, C31
0.047 uF
CAP CER 0.047 uF 25 V 10% X7R
0603
C0603X7R250-473KNE
14
3
C24, C25, C26
1 uF
CAP CER 1 uF 25 V 10% X7R 0603
0603X105K250SNT
15
5
C32, C33, C34, C35, C36
0.01 uF
CAP CER 0.01 uF 50 V 10% X7R 0603
C0603X7R500-103KNE
16
2
C37, C38
10 pF
CAP CER 10 pF 50 V 10% X7R 0603
06035C100KAT2A
Diodes
17
1
D1
SML-LXT0805 GW
LED GRN SGL 2 V 20 MA SMT 0805
SML-LXT0805GW-TR
18
2
D2, D3
RED LED
LED RED SGL 30 MA SMT 0805
SML-LXT0805IW-TR
Connectors
19
5
JP1, JP2, JP8, JP9, JP10
HDR_1X3
HDR 1X3 TH 100 MIL SP 338H AU
150L
HMTSW-103-24-S-S-230
20
5
JP3, JP4, JP5, JP6, JP7
HDR 1X2
HDR 1X2 TH 100 MIL SP 165H AU
TLW-102-06-G-S
21
1
J1
CON_2X19
CON 2X19 SKT SMT 25 MIL SP AU
MICTOR
5767061-1
Inductors
22
12
L1, L2, L3, L4, L5, L6, L7,
L8, L9, L10, L11, L12
26
IND FER BEAD 26
100 MHZ 1.5 A
25% 1206
MI1206K260R-10
Test Points
23
1
P1
HDR 2X7
HDR 2X7 TH 100 MIL CTR 330H SN
115L
TSW-107-23-T-D
24
10
P2, P3, P4, P5, P6, P7, P8,
P9, P11, P12
TEST POINT RED
TEST POINT RED 40 MIL DRILL 180
MIL TH 109L
5000
25
2
P10, P13
5006
TEST POINT BLK 70X220 MIL TH
5006
Transistors
26
1
Q1
NJD2873T4
TRAN NPN PWR BJT 2 A 50 V DPAK
NJD2873T4G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com