Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5744P Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  KITMPC5744DBEVM Evaluation Daughter Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Getting to Know the Hardware
KTMPC5744DBUG Rev. 1.0 2/2015
Freescale Semiconductor, Inc.
9
3.4.4
Jumper and Switch Definitions
Table 5 defines the evaluation board jumper positions and explains their functions. For each jumper a default setting is shown on the left
side.
Table 5. Jumpers and Switches
Schematic Label
Setting
Description
JP1
INTb_SEL – selection of the MCU interrupt pin
1-2
INTb pin from the MC3390x is connected to a standard EIRQ interrupt pin of the MCU (PA0)
2-3
INTb pin from MC3390x is connected to the NMI (Non Maskable Interrupt) pin of the MCU
JP2
VPP_TEST – SoC Test Mode, See Table 6 for truth table
1-2
VPP_TEST pin is connected to the GND (Normal operation)
2-3
VPP_TEST pin is connected the VDD_HV_IO
JP3
RST_SBC – Connects RST coming from the SBC to the functional RESET of the MCU
JP4
ABS2 – puts Alternate Boot Selector bit 1 to the Ground (for all possible configurations see Table 6).
JP5
ABS1 – puts Alternate Boot Selector bit0 to the Ground (for all possible configurations see Table 6).
JP6
FAB – deactivates the Force Alternate Boot Mode (for all possible configurations see Table 6).
JP7
EXT_PORT – connects external Power On Reset of the MCU to an external port (to the mother board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com